Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-1-RSC-LDP-24DC Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # RIF-1-RSC-LDP-24DC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-1-RSC-LDP-24DC Datasheet(HTML) 5 Page - PHOENIX CONTACT

  RIF-1-RSC-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-1-RSC-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-1-RSC-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-1-RSC-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-1-RSC-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-1-RSC-LDP-24DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2905659
07/23/2018   Page 5 / 6
Relay Module - RIF-1-RSC-LDP-24DC/1X21MS - 2905659
Articles in set
Relay base - RIF-1-BSC/2X21 - 2900930
RIF-1... relay base, for miniature power relay with 1 or 2 changeover contacts or identical solid-state relays, screw
connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5
 
 
Single relay - REL-MR- 24DC/21HC/MS - 2987888
Plug-in miniature relay, with power contact, 1 PDT, test button, mechanical switch position indicator, status LED,
freewheeling diode, polarity A1+, A2-, input voltage 24 V DC
 
 
Retaining bracket - RIF-RH-1-H - 2904468
Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-1 relay base, for 25 mm
tall miniature power relay and solid-state relay
 
 
Approvals
Approvals
Approvals
DNV GL / EAC
Ex Approvals
Approval details
DNV GL 
 http://exchange.dnv.com/tari/
 TAA000018V
EAC 
 
 RU C-
DE.A*30.B.01082



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com