Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-1-RSC-LV-24AC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # RIF-1-RSC-LV-24AC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-1-RSC-LV-24AC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  RIF-1-RSC-LV-24AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-1-RSC-LV-24AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-1-RSC-LV-24AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-1-RSC-LV-24AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-1-RSC-LV-24AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-1-RSC-LV-24AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903345
07/23/2018   Page 4 / 6
Relay Module - RIF-1-RSC-LV-24AC/2X21AU - 2903345
Technical data
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Circuit diagram
12
22
14
24
11
21
A2
A1
AC coils
Diagram
0,6
0,7
0,8
0,9
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
20
30
40
50
60
70
80
Ambienttemperature[°C]
DCcoils
ACcoils
Operating voltage range
Diagram
AC,ohmicload
DC,ohmicload,contactsinseries
DC,ohmicload
DC,L/R=40ms
Switchingvoltage[V]
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
2
3
4
3
1
4
2
Interrupting rating
Diagram
20
30
40
50
60
70
80
1
2
3
4
5
6
7
8
9
10
11
Ambienttemperature[°C]
DCcoil
ACcoil
Contact derating



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com