Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-1-RSC-LV-24AC Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # RIF-1-RSC-LV-24AC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-1-RSC-LV-24AC Datasheet(HTML) 5 Page - PHOENIX CONTACT

  RIF-1-RSC-LV-24AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-1-RSC-LV-24AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-1-RSC-LV-24AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-1-RSC-LV-24AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-1-RSC-LV-24AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-1-RSC-LV-24AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903345
07/23/2018   Page 5 / 6
Relay Module - RIF-1-RSC-LV-24AC/2X21AU - 2903345
Diagram
Switchingcurrent[A]
250V AC,ohmicload(DCcoils)
250V AC,ohmicload(ACcoils)
0
1
4
8
12
16
10
7
10
6
10
5
10
4
2
3
5
6
7
11
9
10
15
14
13
1
2
2
1
Electrical service life
Diagram
COS j
1
0,9
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
0,8
0,7
0,6
0,5
0,4
0,3
0,2
Service life reduction factor
Articles in set
Relay base - RIF-1-BSC/2X21 - 2900930
RIF-1... relay base, for miniature power relay with 1 or 2 changeover contacts or identical solid-state relays, screw
connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5
 
 
Single relay - REL-MR- 24AC/21-21AU - 2961464
Plug-in miniature power relay, with multi-layer gold contact, 2 PDTs, input voltage 24 V AC
 
 
Plug-in module - RIF-LV-12-24 UC - 2900942
Plug-in module, for mounting on RIF-1, RIF-2, RIF-3, and RIF-4, with varistor and yellow LED, input voltage: 12 ... 24
V AC/DC ±20 %
 
 
Retaining bracket - RIF-RH-1 - 2900953
Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-1 relay base, for 16 mm
tall miniature power relay and solid-state relay
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com