Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAINSLINK-RX Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # MAINSLINK-RX
Description  MAINSLINK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MAINSLINK-RX Datasheet(HTML) 6 Page - rfsolutions.ltd

  MAINSLINK-RX Datasheet HTML 1Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 2Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 3Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 4Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 5Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MAINSLINK
Technical Specification:
Dimensions:
88 x 88 x 54mm (see page 3)
Storage Temperature:
-10 to +70
o Celsius.
Operating Temperature:
0 to +50
o Celsius.
Electrical Characteristics:
*MAINSLINK uses RF Solutions APLHA range of radio modules. For further transmission information see the relevant datasheet.
Min
Typical
Max
Units
Supply Voltage TX/RX:
100
230
250
Vac
Quiescent Current:
TX: (negligible @230V <0.1uA)
RX: (Relay not operating - negligible @230V
<0.1uA)
~
0.1
(relay
operating)
uA
mA
Operating Frequency*
869.50
MHz
Maximum switching load (RX)
1000
W
Time delay from Tx on switch to Rx Relay opera-
tion:
50
50
3000
mS
Time delay from Tx sw relax to Rx Relay release:
50
50
3000
mS
RF Solutions Ltd. Recycling Notice
Meets the following EC Directives:
DO NOT
Discard with normal waste, please recycle.
ROHS Directive 2002/95/EC
Specifies certain limits for hazardous substances.
WEEE Directive 2002/96/EC
Waste electrical & electronic equipment. This product
must be disposed of through a licensed WEEE collection
point. RF Solutions Ltd., fulfills its WEEE obligations by
membership of an approved compliance scheme.
Waste Batteries and Accumulators
Directive 2006/66/EC
Where batteries are fitted, before recycling the
product, the batteries must be
removed and disposed of at a licensed
collection point.
Environment Agency producer registration
number: WEE/JB0104WV.
Disclaimer:
Whilst the information in this document is believed to be correct at the time of issue, RF Solutions Ltd does not accept any liability whatsoever for its accuracy, adequacy or completeness. No express or implied
warranty or representation is given relating to the information contained in this document. RF Solutions Ltd reserves the right to make changes and improvements to the product(s) described herein without
notice. Buyers and other users should determine for themselves the suitability of any such information or products for their own particular requirements or specification(s). RF Solutions Ltd shall not be liable
for any loss or damage caused as a result of user’s own determination of how to deploy or use R F Solutions Ltd’s products. Use of RF Solutions Ltd products or components in life support and/or safety applica-
tions is not authorised except with express written approval. No licences are created, implicitly or otherwise, under any of RF Solutions Ltd’s
intellectual property rights. Liability for loss or damage resulting or
caused by reliance on the information contained herein or from the use of the product (including liability resulting from
negligence or where RF Solutions Ltd was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict QuasarUK Ltd’s liability for death or
personal injury resulting from its negligence.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com