Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAINSLINK-RX Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # MAINSLINK-RX
Description  MAINSLINK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MAINSLINK-RX Datasheet(HTML) 1 Page - rfsolutions.ltd

  MAINSLINK-RX Datasheet HTML 1Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 2Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 3Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 4Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 5Page - rfsolutions.ltd MAINSLINK-RX Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MAINSLINK
DS-MAINSLINK-7
Patent Pending
Applications:
•
Switched live cable replacement
•
Thermostat cable replacement
Features:
•
Quick and Simple to Install
•
Up to 500m range outdoor
•
Up to 50-100m range in build-
ings*
•
Reliable high end radio link
•
High Quality UK manufacture
•
Weatherproof IP65 Enclosures
•
Easy Connection with Screw
Terminals
•
Supplied pre-configured ready
to operate
•
Operates from 230V or 110V
Part Number
Description
MAINSLINK
MAINSLINK System (Supplied complete with Tx/Rx)
MAINSLINK-RX
MAINSLINK Receiver unit
Description
The RF Solutions MAINSLINK is designed to offer a solution to switched live
ca-
bling. When a cable run is awkward or expensive to achieve, the MAINSLINK can be
used, saving time and money.
Ordering Information


Similar Part No. - MAINSLINK-RX

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
MAINSLINK-PRO RFSOLUTIONS-MAINSLINK-PRO Datasheet
1Mb / 4P
Boiler Pump Overrun Solution
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com