Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-2-RSC-LV-120AC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # RIF-2-RSC-LV-120AC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-2-RSC-LV-120AC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  RIF-2-RSC-LV-120AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-2-RSC-LV-120AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-2-RSC-LV-120AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-2-RSC-LV-120AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-2-RSC-LV-120AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-2-RSC-LV-120AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903317
07/23/2018   Page 3 / 6
Relay Module - RIF-2-RSC-LV-120AC/4X21 - 2903317
Technical data
Connection data output side
Connection method
Screw connection
Stripping length
8 mm
Conductor cross section solid
0.5 mm² ... 4 mm²
Conductor cross-section solid (2 conductors with same cross section)
0.5 mm² ... 2.5 mm²
Conductor cross section flexible
0.5 mm² ... 4 mm²
0.5 mm² ... 4 mm² (Ferrule with plastic sleeve)
Conductor cross section flexible (2 conductors with same cross section) 0.5 mm² ... 2.5 mm²
0.5 mm² ... 1.5 mm² (TWIN ferrule with plastic sleeve)
Conductor cross section AWG
20 ... 10 (solid)
20 ... 12 (flexible)
Torque
0.5 Nm ... 0.6 Nm
General
Test voltage relay winding/relay contact
2.5 kVrms (50 Hz, 1 min.)
Test voltage relay contact/relay contact
2 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
IP20 (Relay base)
RT I (Relay)
Mechanical service life
approx. 2x 107 cycles
Mounting position
any
Assembly instructions
In rows with zero spacing
Standards and Regulations
Standards/regulations
DIN EN 50178
Rated insulation voltage
250 V AC
Rated surge voltage
2.5 kV
Insulation
Basic insulation
Degree of pollution
2
Overvoltage category
II
Flammability rating according to UL 94
V2
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com