Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-2-RSC-LV-120AC Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # RIF-2-RSC-LV-120AC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-2-RSC-LV-120AC Datasheet(HTML) 5 Page - PHOENIX CONTACT

  RIF-2-RSC-LV-120AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-2-RSC-LV-120AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-2-RSC-LV-120AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-2-RSC-LV-120AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-2-RSC-LV-120AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-2-RSC-LV-120AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903317
07/23/2018   Page 5 / 6
Relay Module - RIF-2-RSC-LV-120AC/4X21 - 2903317
Articles in set
Relay base - RIF-2-BSC/4X21 - 2900932
RIF-2... relay base, for industrial relay with 2 or 4 changeover contacts, screw connection, plug-in option for input/
interference suppression modules, for mounting on NS 35/7,5
 
 
Single relay - REL-IR4/L-120AC/4X21 - 2903687
Plug-in industrial relay with power contacts, 4 PDTs, test key, status LED, mechanical switch position indicator, coil
voltage: 120 V AC
 
 
Plug-in module - RIF-V-120-230 UC - 2900948
Plug-in module, for mounting on RIF-1, RIF-2, RIF-3, and RIF-4, with varistor, input voltage: 120 ... 230 V AC/DC ±20
%
 
 
Retaining bracket - RIF-RH-2 - 2900954
Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-2 relay base, for
industrial relay
 
 
Approvals
Approvals
Approvals
DNV GL / CSA / EAC
Ex Approvals
Approval details



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com