Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2LV Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO2LV
Description  3.3V Low Jitter Oscillator with LVDS Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2LV Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO2LV Datasheet HTML 1Page - Golledge Electronics Ltd MCSO2LV Datasheet HTML 2Page - Golledge Electronics Ltd MCSO2LV Datasheet HTML 3Page - Golledge Electronics Ltd MCSO2LV Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCSO2LV 1/4
v1.0
MCSO2LV
MCSO2LV
3.3V Low Jitter Oscillator with LVDS
3.3V Low Jitter Oscillator with LVDS
Output
Output
LVDS output
Military temperature range -55+125°C option
Low jitter
Excellent shock & vibration resistance
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency stability
see note below
Any
±100ppm
±50ppm
T
Operating temperature range
Any
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Enable / disable function
Any
None (pad 1 NC)
Active (control via pad 1)
E
Terminations
Any
Gold plated pads
Tinned Ag/Cu/Zn
T
*


Similar Part No. - MCSO2LV

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO2L MICROCRYSTAL-MCSO2L Datasheet
331Kb / 2P
Airborne equipments
logo
Golledge Electronics Lt...
MCSO2LW GOLLEDGE-MCSO2LW Datasheet
556Kb / 4P
2.5V Low Jitter Oscillator with LVDS Output
More results

Similar Description - MCSO2LV

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
Low Jitter Precision LVDS Oscillator
logo
List of Unclassifed Man...
LDA000002 ETC2-LDA000002 Datasheet
249Kb / 2P
3.3V LVDS Low Jitter XO
logo
Micrel Semiconductor
DSC2030 MICREL-DSC2030 Datasheet
525Kb / 5P
Low-Jitter Configurable LVDS Oscillator
DSC1103 MICREL-DSC1103 Datasheet
606Kb / 7P
Low-Jitter Precision LVDS Oscillator
logo
Golledge Electronics Lt...
GXO-L72L GOLLEDGE-GXO-L72L Datasheet
603Kb / 5P
3.3V Low Jitter LVDS Oscillator with Power Saving
GXO-2201L GOLLEDGE-GXO-2201L Datasheet
590Kb / 5P
3.3V CMOS Oscillator with Low Jitter
MCSO1FV GOLLEDGE-MCSO1FV_18 Datasheet
551Kb / 4P
3.3V CMOS Oscillator with Low Jitter
MCSO1FHV GOLLEDGE-MCSO1FHV Datasheet
551Kb / 4P
3.3V CMOS Oscillator with Low Jitter
MCSO2LW GOLLEDGE-MCSO2LW Datasheet
556Kb / 4P
2.5V Low Jitter Oscillator with LVDS Output
logo
Microchip Technology
DSC1103 MICROCHIP-DSC1103 Datasheet
490Kb / 26P
Low-Jitter Precision LVDS Oscillator
08/15/18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com