Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2LV Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MCSO2LV
Description  3.3V Low Jitter Oscillator with LVDS Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2LV Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MCSO2LV Datasheet HTML 1Page - Golledge Electronics Ltd MCSO2LV Datasheet HTML 2Page - Golledge Electronics Ltd MCSO2LV Datasheet HTML 3Page - Golledge Electronics Ltd MCSO2LV Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCSO2LV 2/4
v1.0
Frequency range
40.0 ~ 130MHz
Dimensions
5.0 x 3.2 x 1.7mm
Supply voltage (V )
+3.3V (±5%)
Storage temperature
range
-65 to +125°C
Supply current
10mA max (@40.0MHz)
15mA max (@100MHz)
25mA max (@130MHz)
Output
LVDS
Output load
100Ω
Logic levels (typ)
‘0’ level = +1.1V
‘1’ level = +1.4V
Start up time
5ms max
Waveform symmetry
45:55 max @ 50%V
Jitter RMS
0.3ps max (1.0kHz ~ 1.0MHz)
Rise / fall time
1ns max (20% - 80%)
Phase noise (typ @
100MHz)
-70dBc/Hz @ 10Hz
-100dBc/Hz @ 100Hz
-125dBc/Hz @ 1kHz
-145dBc/Hz @ 10kHz
-150dBc/Hz @ 100kHz
Shock resistance
5,000g, 0.3ms, ½ sine
Vibration resistance
50g rms 10.0 ~ 2,000Hz
Soldering condition
260°C, 10 sec max
To request a quotation for the MCSO2L please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
Input (pad 1)
Output (pads 4 & 5)
Open
Enabled
'1' level
Enabled
'0' level
No clock
Reaction time <1µs
SPECIFICATIONS
DD
DD
PACKAGE DRAWING
ORDERING INFORMATION
ENABLE / DISABLE FUNCTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com