Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-4-RSC-LV-120AC Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # RIF-4-RSC-LV-120AC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-4-RSC-LV-120AC Datasheet(HTML) 5 Page - PHOENIX CONTACT

  RIF-4-RSC-LV-120AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903283
07/23/2018   Page 5 / 6
Relay Module - RIF-4-RSC-LV-120AC/3X1 - 2903283
Articles in set
Relay base - RIF-4-BSC/3X21 - 2900960
RIF-4... relay base, for high-power relay with 2 or 3 changeover contacts or 3 N/O contacts, screw connection, plug-in
option for input/interference suppression modules, for mounting on NS 35/7,5
 
 
Single relay - REL-PR3-120AC/3X1 - 2903708
Plug-in high-power relay with power contacts, 3 N/O contacts, coil voltage: 120 V AC
 
 
Plug-in module - RIF-LV-120-230 AC/110 DC - 2900944
Plug-in module, for mounting on RIF-1, RIF-2, RIF-3, and RIF-4, with varistor and yellow LED, input voltage: 120 ...
230 V AC/110 V DC ±20 %
 
 
Retaining bracket - RIF-RH-4 - 2900956
Relay retaining bracket, with holder for marking material, suitable for RIF-4 relay base, for high-power relay
 
 
Approvals
Approvals
Approvals
DNV GL / CSA / EAC
Ex Approvals
Approval details



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com