Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-4-RSC-LV-120AC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # RIF-4-RSC-LV-120AC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-4-RSC-LV-120AC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  RIF-4-RSC-LV-120AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-4-RSC-LV-120AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903283
07/23/2018   Page 2 / 6
Relay Module - RIF-4-RSC-LV-120AC/3X1 - 2903283
Technical data
Coil side
Coil voltage
120 V AC
Protective circuit
Varistor
Operating voltage display
Yellow LED
Contact side
Contact type
3 N/O contacts
Type of switch contact
Single contact
Contact material
AgNi
Maximum switching voltage
440 V AC
250 V DC
Minimum switching voltage
10 V (At 24 mA)
Min. switching current
10 mA (at 24 V)
Maximum inrush current
50 A (20 ms, N/O contact)
Limiting continuous current
8 A (see diagram)
Interrupting rating (ohmic load) max.
216 W (at 24 V DC)
480 W (at 48 V DC)
600 W (at 60 V DC)
660 W (at 110 V DC)
183 W (at 220 V DC)
2250 VA (for 250 V AC)
4000 VA (at 440 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
1 A (at 24 V, DC13)
1 A (at 120 V, DC13)
1 A (at 220 V, DC13)
1.5 A (at 24 V, AC15)
1.5 A (at 120 V, AC15)
1.5 A (at 240 V, AC15)
Motor load according to UL 508
1/3 HP, 120 V AC (single-phase AC motor)
1/2 HP, 240 V AC (single-phase AC motor)
1/2 HP, 240 V AC (three-phase induction motor)
Connection data input side
Connection name
Input side
Connection method
Screw connection
Stripping length
8 mm
Conductor cross section solid
0.5 mm² ... 4 mm²
Conductor cross-section solid (2 conductors with same cross section)
0.5 mm² ... 2.5 mm²
Conductor cross section flexible
0.5 mm² ... 4 mm²
0.5 mm² ... 4 mm² (Ferrule with plastic sleeve)
Conductor cross section flexible (2 conductors with same cross section) 0.5 mm² ... 2.5 mm²
0.5 mm² ... 1.5 mm² (TWIN ferrule with plastic sleeve)
Conductor cross section AWG
20 ... 10 (solid)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com