Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP4020FA-R68M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP4020FA-R68M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4020FA-R68M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP4020FA-R68M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4020FA-R68M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4020FA-R68M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4020FA-R68M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Shieldedconstruction
n
Metalalloypowdercore
n
Highsaturationcurrent
n
Flatwire
n
AEC-Q200compliant
n
RoHScompliant*andhalogenfree**
Applications
n
Selectedautomotiveapplications:
- Driverassistant
- Infotainment
- Lighting
n
DC/DCconverters
n
Powersupplies
SRP4020FASeries–ShieldedPowerInductors
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Operating Temperature
................................-55 °C to +155 °C
(Temperature rise included)
Storage Temperature (Component)
................................-55 °C to +155 °C
Rated Current............. Inductance drops
10, 20 or 30 % at Isat
Temperature Rise .................20 or 40 °C
at rated Irms1
MSL ......................................................1
ESD Classification (HBM).................N/A
Note1:Circuitdesign,component,PCBtracesize
andthickness,airflowandothercoolingprovisionsall
affecttheparttemperature.Parttemperatureshouldbe
verifiedintheendapplication.
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
@ 100 kHz / 1 V
Q
Min.
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
I rms (A)
Typ.
I sat (A)
Typ.
L (µH)
Tol. %
20 °C
Temp. Rise
40 °C
Temp. Rise
10 % L
Drop
20 % L
Drop
30 % L
Drop
SRP4020FA-R47M
0.47
± 20 %
30
90
6.0
6.8
9.8
13.2
7.0
10.0
14.0
SRP4020FA-R68M
0.68
± 20 %
20
73
7.3
8.2
9.2
12.0
5.2
8.0
11.6
SRP4020FA-R82M
0.82
± 20 %
20
62
8.6
9.5
8.5
11.5
4.8
6.5
9.0
SRP4020FA-1R0M
1.0
± 20 %
20
56
10.6
11.7
8.0
11.0
4.5
5.4
8.0
SRP4020FA-1R2M
1.2
± 20 %
20
53
12.2
13.4
7.2
9.5
4.3
5.0
7.5
SRP4020FA-1R5M
1.5
± 20 %
20
45
14.4
15.8
6.7
9.1
4.1
4.5
7.5
SRP4020FA-2R0M
2.0
± 20 %
15
40
21.15
23.3
6.2
8.2
3.2
4.0
5.0
SRP4020FA-2R2M
2.2
± 20 %
15
38
21.35
23.5
6.0
8.0
3.1
3.8
4.8
SRP4020FA-3R3M
3.3
± 20 %
15
26
34.2
38.3
4.4
5.5
2.7
3.4
5.3
SRP4020FA-4R7M
4.7
± 20 %
15
25
52.0
57.2
3.8
5.1
2.0
2.7
4.0
General Specifications
Core..........................Metal alloy powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 3000 pcs. per 13-inch reel
Materials
Schematic
How to Order
SRP4020FA - 1R0M
Model
Value Code (see table)
100
1720
100
1720
9.60±0.2
(.378±.008)
9.60±0.2
(.378±.008)
8.7±0.25
(.343±.010)
0.15
(.006)
12.0±0.2
(.472±.008)
2.8±0.10
(.110±.004)
3.4
(.134)
MIN.
11.3±0.3
(.445±.012)
2.3±0.3
(.091±.012)
2.5±0.3
(.098±.012)
1.95±0.15
(.077±.006)
2.8±0.10
(.110±.004)
1.50
(.059)
2.9
(.114)
3.4
(.134)
9.7
(.382)
3.3
(.130)
≤
S
F
F
S
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
1R0
1625
4.1±0.2
(.161±.008)
3.4±0.3
(.134±.012)
1.9±0.2
(.075±.008)
0.88±0.2
(.035±.008)
4.1±0.2
(.161±.008)
1.6±0.25
(.063±.010)
Product Dimensions
3.8
(.150)
REF.
REF.
REF.
3.4
(.134)
1.4
(.055)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
1R0
1702


Similar Part No. - SRP4020FA-R68M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP4020 BOURNS-SRP4020 Datasheet
365Kb / 4P
Shielded Power Inductors
SRP4020-1R0M BOURNS-SRP4020-1R0M Datasheet
365Kb / 4P
Shielded Power Inductors
SRP4020-1R2M BOURNS-SRP4020-1R2M Datasheet
365Kb / 4P
Shielded Power Inductors
SRP4020-1R5M BOURNS-SRP4020-1R5M Datasheet
365Kb / 4P
Shielded Power Inductors
SRP4020-2R2M BOURNS-SRP4020-2R2M Datasheet
365Kb / 4P
Shielded Power Inductors
More results

Similar Description - SRP4020FA-R68M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com