Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP4020FA-R68M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP4020FA-R68M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4020FA-R68M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP4020FA-R68M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4020FA-R68M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4020FA-R68M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4020FA-R68M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRP4020FASeries–ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
L vs. I Charts
03.2
9.6
6.4
12.8
16.0
SRP4020FA-R47M
SRP4020FA-1R5M
SRP4020FA-1R0M
SRP4020FA-2R0M
SRP4020FA-4R7M
SRP4020FA-2R2M
SRP4020FA-3R3M
DC Current (A)
02
6
48
10
DC Current (A)
50
40
30
20
10
0
50
40
30
20
10
0
DC Current (A)
1.20
0.96
0.72
0.48
0.24
0
SRP4020FA-R68Y
50
40
30
20
10
0
SRP4020FA-R82M
1.30
1.04
0.78
0.52
0.26
0
DC Current (A)
02.8
5.68.4
11.2
14.0
50
40
30
20
10
0
2.5
2.0
1.5
1.0
0.5
0
1.70
1.36
1.02
0.68
0.34
0
0.80
0.64
0.48
0.32
0.16
0
3.5
2.8
2.1
1.4
0.7
0
8.0
6.4
4.8
3.2
1.6
0
3.5
2.8
2.1
1.4
0.7
0
5.5
4.4
3.3
2.2
1.1
0
DC Current (A)
02.8
5.68.4
11.2
14.0
DC Current (A)
02
46
810
DC Current (A)
01
2345
DC Current (A)
02
46
810
DC Current (A)
01.4
2.84.2
5.67.0
60
48
36
24
12
0
55
44
33
22
11
0
40
32
24
16
8
0
55
44
33
22
11
0
50
40
30
20
10
0
60
48
36
24
12
0
2.0
1.6
1.2
0.8
0.4
0
DC Current (A)
SRP4020FA-1R2M
02.8
5.68.4
11.2
14.0
03
69
12
15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com