Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP5030CA-R15M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP5030CA-R15M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP5030CA-R15M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP5030CA-R15M Datasheet HTML 1Page - Bourns Electronic Solutions SRP5030CA-R15M Datasheet HTML 2Page - Bourns Electronic Solutions SRP5030CA-R15M Datasheet HTML 3Page - Bourns Electronic Solutions SRP5030CA-R15M Datasheet HTML 4Page - Bourns Electronic Solutions SRP5030CA-R15M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Shieldedconstruction
n
Metalalloypowdercore
n
Highsaturationcurrent
n
Flatwire
n
AEC-Q200compliant
n
RoHScompliant*andhalogenfree**
Applications
n
Selectedautomotiveapplications:
- Driverassistant
- Infotainment
- Lighting
n
DC/DCconverters
n
Powersupplies
SRP5030CASeries–ShieldedPowerInductors
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Operating Temperature
................................-55 °C to +155 °C
(Temperature rise included)
Storage Temperature (Component)
................................-55 °C to +155 °C
Rated Current............. Inductance drops
30 % at Isat
Temperature Rise .................20 or 40 °C
at rated Irms1
MSL ......................................................1
ESD Classification (HBM).................N/A
Note1:Circuitdesign,component,PCBtracesize
andthickness,airflowandothercoolingprovisionsall
affecttheparttemperature.Parttemperatureshouldbe
verifiedintheendapplication.
Electrical Specifications @ 25 °C
General Specifications
Core..........................Metal alloy powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 2000 pcs. per 13-inch reel
Materials
Schematic
How to Order
SRP5030CA - 1R0M
Model
Value Code (see table)
100
1720
100
1720
9.60±0.2
(.378±.008)
9.60±0.2
(.378±.008)
8.7±0.25
(.343±.010)
0.15
(.006)
12.0±0.2
(.472±.008)
2.8±0.10
(.110±.004)
3.4
(.134)
MIN.
11.3±0.3
(.445±.012)
2.3±0.3
(.091±.012)
2.5±0.3
(.098±.012)
1.95±0.15
(.077±.006)
2.8±0.10
(.110±.004)
1.50
(.059)
2.9
(.114)
3.4
(.134)
9.7
(.382)
3.3
(.130)
≤
S
F
F
S
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
2R2
1625
5.5±0.2
(.217±.010)
4.3±0.3
(.169±.012)
2.9±0.2
(.114±.008)
1.1±0.2
(.043±.008)
5.3±0.2
(.209±.010)
2.3±0.25
(.091±.010)
Product Dimensions
4.7
(.185)
REF.
REF.
REF.
4.5
(.177)
2.0
(.079)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
2R2
1726
Bourns
Part Number
Inductance
@ 100 kHz / 0.1 V
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
I rms (A)
Typ.
I sat
(A)
Typ.
L (µH)
Tol. %
20 °C
Temp. Rise
40 °C
Temp. Rise
SRP5030CA-R15M
0.15
± 20 %
140 2.10 2.31
14.3
22.2
36
SRP5030CA-R16M
0.16
± 20 %
140 2.12 2.33
14.2
22.2
35
SRP5030CA-R33M
0.33
± 20 %
110
3.20 3.52
13.8
19.2
28
SRP5030CA-R56M
0.56
± 20 %
73
4.05 4.52
13.6
17.7
22.2
SRP5030CA-R60M
0.60
± 20 %
68
4.11 4.52
13.6
17.7
22
SRP5030CA-R80M
0.80
± 20 %
57
5.14 5.65
10.1
13.1
20
SRP5030CA-R82M
0.82
± 20 %
54
5.25 5.78
9.9
12.9
19.7
SRP5030CA-1R0M
1.0
± 20 %
50
6.90 7.60
9.0
12.2
16.5
SRP5030CA-1R2M
1.2
± 20 %
43
8.80 9.70
8.5
11.0
15
SRP5030CA-1R5M
1.5
± 20 %
38
10.1 11.2
8.0
10.5
14
SRP5030CA-1R8M
1.8
± 20 %
36
11.5 12.7
7.6
10.1
12.3
SRP5030CA-2R2M
2.2
± 20 %
33
13.2 14.5
7.2
9.7
10
SRP5030CA-3R3M
3.3
± 20 %
25
21.0 23.1
5.9
8.1
9.5
SRP5030CA-4R7M
4.7
± 20 %
21
33.0 36.3
4.3
5.9
8.2


Similar Part No. - SRP5030CA-R15M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP5030C BOURNS-SRP5030C Datasheet
566Kb / 5P
SRP5030C Series ??Shielded Power Inductors
SRP5030C-100M BOURNS-SRP5030C-100M Datasheet
566Kb / 5P
SRP5030C Series ??Shielded Power Inductors
SRP5030C-1R0M BOURNS-SRP5030C-1R0M Datasheet
566Kb / 5P
SRP5030C Series ??Shielded Power Inductors
SRP5030C-1R5M BOURNS-SRP5030C-1R5M Datasheet
566Kb / 5P
SRP5030C Series ??Shielded Power Inductors
SRP5030C-2R2M BOURNS-SRP5030C-2R2M Datasheet
566Kb / 5P
SRP5030C Series ??Shielded Power Inductors
More results

Similar Description - SRP5030CA-R15M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com