Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP5030CA-R15M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP5030CA-R15M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP5030CA-R15M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP5030CA-R15M Datasheet HTML 1Page - Bourns Electronic Solutions SRP5030CA-R15M Datasheet HTML 2Page - Bourns Electronic Solutions SRP5030CA-R15M Datasheet HTML 3Page - Bourns Electronic Solutions SRP5030CA-R15M Datasheet HTML 4Page - Bourns Electronic Solutions SRP5030CA-R15M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SRP5030CASeries–ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Soldering Profile
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
L vs. I Charts
07
21
14
28
35
SRP5030CA-R15M
DC Current (A)
70
56
42
28
14
0
0.25
0.20
0.15
0.10
0.05
0
05.6
16.8
11.2
22.4
28.0
SRP5030CA-R56M
DC Current (A)
70
56
42
28
14
0
0.95
0.76
0.57
0.38
0.19
0
05
15
10
20
25
SRP5030CA-R82M
DC Current (A)
70
56
42
28
14
0
1.30
1.04
0.78
0.52
0.26
0
03.2
9.6
6.4
12.8
16.0
SRP5030CA-1R5M
DC Current (A)
60
48
36
24
12
0
2.5
2.0
1.5
1.0
0.5
0
02.4
7.2
4.89.6
12.0
SRP5030CA-3R3M
DC Current (A)
60
48
36
24
12
0
5.5
4.4
3.3
2.2
1.1
0
02
6
48
10
SRP5030CA-4R7M
DC Current (A)
70
56
42
28
14
0
8.0
6.4
4.8
3.2
1.6
0
03.2
9.6
6.4
12.8
16.0
SRP5030CA-1R8M
DC Current (A)
60
48
36
24
12
0
3.0
2.4
1.8
1.2
0.6
0
03
9
61215
SRP5030CA-2R2M
DC Current (A)
60
48
36
24
12
0
3.5
2.8
2.1
1.4
0.7
0
04.4
13.2
8.8
17.6
22.0
SRP5030CA-1R0M
DC Current (A)
80
64
48
32
16
0
1.70
1.36
1.02
0.68
0.34
0
03.6
10.8
7.2
14.4
18.0
SRP5030CA-1R2M
DC Current (A)
60
48
36
24
12
0
1.90
1.52
1.14
0.76
0.38
0
05.6
16.8
11.2
22.4
28.0
SRP5030CA-R60M
DC Current (A)
70
56
42
28
14
0
0.95
0.76
0.57
0.38
0.19
0
05
15
10
20
25
SRP5030CA-R80M
DC Current (A)
70
56
42
28
14
0
1.30
1.04
0.78
0.52
0.26
0
07
21
14
28
35
SRP5030CA-R16M
DC Current (A)
70
56
42
28
14
0
0.25
0.20
0.15
0.10
0.05
0
07
21
14
28
35
SRP5030CA-R33M
DC Current (A)
70
56
42
28
14
0
0.55
0.44
0.33
0.22
0.11
0
NOTE:0.12mmthicksolderpasterecommended.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com