Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT28HC256 Datasheet(PDF) 2 Page - Force Technologies Ltd

Part # FT28HC256
Description  5 Volt, Byte Alterable EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28HC256 Datasheet(HTML) 2 Page - Force Technologies Ltd

  FT28HC256 Datasheet HTML 1Page - Force Technologies Ltd FT28HC256 Datasheet HTML 2Page - Force Technologies Ltd FT28HC256 Datasheet HTML 3Page - Force Technologies Ltd FT28HC256 Datasheet HTML 4Page - Force Technologies Ltd FT28HC256 Datasheet HTML 5Page - Force Technologies Ltd FT28HC256 Datasheet HTML 6Page - Force Technologies Ltd FT28HC256 Datasheet HTML 7Page - Force Technologies Ltd FT28HC256 Datasheet HTML 8Page - Force Technologies Ltd FT28HC256 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
FT28HC256
Characteristics subject to change without notice.
2 of 23
REV 1.0
PIN CONFIGURATION
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
FT28HC256
Plastic DIP
CERDIP
Flat Plastic
SOIC
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
4 3
2 1
32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
LCC
PLCC
(Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A 3
A 4
A 5
A 6
A 7
A 12
A 14
NC
VCC
NC
WE
A13
A 8
A 9
A11
OE
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A 2
A 1
A 0
I/O0
I/O1
I/O2
NC
VSS
NC
I/O3
I/O4
I/O5
I/O6
I/O7
CE
A10
FT28HC256
FT28HC256
11
I/O0
10
A0
14
VSS
9
A1
8
A2
7
A3
6
A4
5
A5
2
A12
28
VCC
12
I/O1
13
I/O2
15
I/O3
4
A6
3
A7
1
16
I/O4
20
CE
22
OE
24
A9
17
I/O5
27
WE
19
I/O7
21
A10
23
A11
25
A8
18
I/O6
26
A13
(Bottom View)
PGA
A14
FT28HC256
TSOP
PIN DESCRIPTIONS
Addresses (A0–A14)
The Address inputs select an 8-bit memory location
during a read or write operation.
Chip Enable (CE)
The Chip Enable input must be LOW to enable all read/
write operations. When CE is HIGH, power consump-
tion is reduced.
Output Enable (OE)
The Output Enable input controls the data output b uff-
ers, and is used to initiate read operations.
Data In/Data Out (I/O0–I/O7)
Data is written to or read from the FT28HC256 through
the I/O pins.
Write Enable (WE)
The Write Enable input controls the writing of data to
the FT28HC256.
PIN NAMES
Symbol
Description
A0–A14
Address Inputs
I/O0–I/O7
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com