Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT28HC256 Datasheet(PDF) 21 Page - Force Technologies Ltd

Part # FT28HC256
Description  5 Volt, Byte Alterable EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28HC256 Datasheet(HTML) 21 Page - Force Technologies Ltd

Back Button FT28HC256 Datasheet HTML 15Page - Force Technologies Ltd FT28HC256 Datasheet HTML 16Page - Force Technologies Ltd FT28HC256 Datasheet HTML 17Page - Force Technologies Ltd FT28HC256 Datasheet HTML 18Page - Force Technologies Ltd FT28HC256 Datasheet HTML 19Page - Force Technologies Ltd FT28HC256 Datasheet HTML 20Page - Force Technologies Ltd FT28HC256 Datasheet HTML 21Page - Force Technologies Ltd FT28HC256 Datasheet HTML 22Page - Force Technologies Ltd FT28HC256 Datasheet HTML 23Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
FT28HC256
Characteristics subject to change without notice.
21 of 23
REV 1.0
PACKAGING INFORMATION
0.021 (0.53)
0.013 (0.33)
0.420 (10.67)
0.050 (1.27) Typ.
Typ. 0.017 (0.43)
0.045 (1.14) x 45°
0.300 (7.62)
Ref.
0.453 (11.51)
0.447 (11.35)
Typ. 0.450 (11.43)
0.495 (12.57)
0.485 (12.32)
Typ. 0.490 (12.45)
Pin 1
0.400
(10.16)Ref.
0.553 (14.05)
0.547 (13.89)
Typ. 0.550 (13.97)
0.595 (15.11)
0.585 (14.86)
Typ. 0.590 (14.99)
3° Typ.
0.048 (1.22)
0.042 (1.07)
0.140 (3.56)
0.100 (2.45)
Typ. 0.136 (3.45)
0.095 (2.41)
0.060 (1.52)
—
0.015 (0.38)
Seating Plane
±0.004 Lead
CO – Planarity
32-Lead Plastic Leaded Chip Carrier Package Type J
NOTES:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. DIMENSIONS WITH NO TOLERANCE FOR REFERENCE ONLY
0.510"
Typical
0.050"
Typical
0.050"
Typical
0.300"
Ref.
FOOTPRINT
0.400"
0.410"
0.030" Typical
32 Places



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com