Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2000 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FPF2000
Description  Advanced Load Management Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2000 Datasheet(HTML) 5 Page - ON Semiconductor

  FPF2000 Datasheet HTML 1Page - ON Semiconductor FPF2000 Datasheet HTML 2Page - ON Semiconductor FPF2000 Datasheet HTML 3Page - ON Semiconductor FPF2000 Datasheet HTML 4Page - ON Semiconductor FPF2000 Datasheet HTML 5Page - ON Semiconductor FPF2000 Datasheet HTML 6Page - ON Semiconductor FPF2000 Datasheet HTML 7Page - ON Semiconductor FPF2000 Datasheet HTML 8Page - ON Semiconductor FPF2000 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
4
www.fairchildsemi.com
FPF2000-FPF2007 Rev. H
Electrical Characteristics Cont.
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Note 1: Package power dissipation on 1 square inch pad, 2 oz. copper board.
Note 2: Applicable only to FPF2002 and FPF2006. Latchoff current does not include current flowing into FLAGB.
Parameter
Symbol
Conditions
Min
Typ
Max Units
Protections
Under Voltage Shutdown
UVLO
VIN Increasing
1.5
1.6
1.7
V
Under Voltage Shutdown Hysteresis
50
mV
Dynamic
Turn On Time
tON
RL = 500Ω, CL = 0.1µF
50
µs
Turn Off Time
tOFF
RL = 500Ω, CL = 0.1µF
0.5
µs
VOUT Rise Time
tR
RL = 500Ω, CL = 0.1µF
10
µs
VOUT Fall Time
tF
RL = 500Ω, CL = 0.1µF
0.1
µs
Over Current Blanking Time
tBLANK
FPF2000, FPF2001, FPF2002, FPF2004,
FPF2005, FPF2006
510
20
ms
Auto-Restart Time
tRSTRT
FPF2000, FPF2001, FPF2004, FPF2005
40
80
160
ms
Short Circuit Response Time
VIN = VON = 3.3V. Moderate
Over-Current Condition.
3µs
VIN = VON = 3.3V. Hard Short.
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com