Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2000 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FPF2000
Description  Advanced Load Management Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2000 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FPF2000 Datasheet HTML 5Page - ON Semiconductor FPF2000 Datasheet HTML 6Page - ON Semiconductor FPF2000 Datasheet HTML 7Page - ON Semiconductor FPF2000 Datasheet HTML 8Page - ON Semiconductor FPF2000 Datasheet HTML 9Page - ON Semiconductor FPF2000 Datasheet HTML 10Page - ON Semiconductor FPF2000 Datasheet HTML 11Page - ON Semiconductor FPF2000 Datasheet HTML 12Page - ON Semiconductor FPF2000 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
8
www.fairchildsemi.com
FPF2000-FPF2007 Rev. H
Typical Characteristics
Figure 19. Short Circuit Response Time
Figure 20. Current Limit Response
(Output Shorted to GND)
(Switch power up to hard short)
Figure 21. Current Limit Response Time
Note 3: VDRV signal forces the device to go into overcurrent condition.
VIN
2V / DIV
IOUT
2A/DIV
VOUT
2V/DIV
20µS/DIV
20µS/DIV
VIN/VON
2V/DIV
IOUT
200mA/DIV
V
IN = VON
CIN = 10µF
COUT = 1µF
Active High Devices
CIN = 10µF
COUT = 1µF
Active High Devices
VIN
2V/DIV
VON
2V/DIV
IOUT
100mA/DIV
VOUT
(SHORTED
TO GND)
20µS/DIV
CIN = 10µF
COUT = 1µF
Active High Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com