Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2123 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FPF2123
Description  Advanced Load Management Products
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2123 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FPF2123 Datasheet HTML 4Page - ON Semiconductor FPF2123 Datasheet HTML 5Page - ON Semiconductor FPF2123 Datasheet HTML 6Page - ON Semiconductor FPF2123 Datasheet HTML 7Page - ON Semiconductor FPF2123 Datasheet HTML 8Page - ON Semiconductor FPF2123 Datasheet HTML 9Page - ON Semiconductor FPF2123 Datasheet HTML 10Page - ON Semiconductor FPF2123 Datasheet HTML 11Page - ON Semiconductor FPF2123 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
7
www.fairchildsemi.com
FPF2123-FPF2125 Rev. F
Typical Characteristics
Figure 13. R(ON) vs. Temperature
Figure 14. TON/TOff vs. Temperature
Figure 15. TRISE/TFALL vs. Temperature
Figure 16. TBLANK vs. Temperature
Figure 17. TRESTART vs. Temperature
Figure 18. TBLANK Response
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 1.8V
VIN = 3.3V
VIN = 5.5V
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
TON
TOFF
1
10
100
1000
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
TFALL
TRISE
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
8
9
10
11
12
13
14
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VDRV
2
2V/DIV
VOUT
2V/DIV
IOUT
400mA/DIV
VIN = 3.3V
RL = 2.2
CIN = 10 F
COUT = 0.1 F
120
130
140
150
160
170
180
190
200
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com