Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2123 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FPF2123
Description  Advanced Load Management Products
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2123 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FPF2123 Datasheet HTML 7Page - ON Semiconductor FPF2123 Datasheet HTML 8Page - ON Semiconductor FPF2123 Datasheet HTML 9Page - ON Semiconductor FPF2123 Datasheet HTML 10Page - ON Semiconductor FPF2123 Datasheet HTML 11Page - ON Semiconductor FPF2123 Datasheet HTML 12Page - ON Semiconductor FPF2123 Datasheet HTML 13Page - ON Semiconductor FPF2123 Datasheet HTML 14Page - ON Semiconductor FPF2123 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
11
www.fairchildsemi.com
FPF2123-FPF2125 Rev. F
This is more power than the package can dissipate, but the
thermal shutdown of the part will activate to protect the part from
damage due to excessive heating. When using the FPF2124,
attention must be given to the manual resetting of the part.
Continuously resetting the part when a short on the output is
present will cause the temperature of the part to increase. The
junction temperature will only be able to increase to the thermal
shutdown threshold. Once this temperature has been reached,
toggling ON will not turn-on the switch until the junction
temperature drops. For the FPF2125, a short on the output will
cause the part to operate in a constant current state dissipating
a worst case power of,
This large amount of power will activate the thermal shutdown
and the part will cycle in and out of thermal shutdown so long as
the ON pin is active and the short is present.
Board Layout
For best performance, all traces should be as short as possible.
To be most effective, the input and output capacitors should be
placed close to the device to minimize the effects that parasitic
trace inductances may have on normal and short-circuit
operation. Using wide traces for VIN, VOUT and GND will help
minimize parasitic electrical effects along with minimizing the
case to ambient thermal impedance.
5.5
1.5
×
=
8.25W
=
P max
(
)
V
IN
·
max
(
)
I
LIM m a x
(
)
×
=
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com