Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2124 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2124
Description  Advanced Load Management Products
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2124 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2124 Datasheet HTML 1Page - ON Semiconductor FPF2124 Datasheet HTML 2Page - ON Semiconductor FPF2124 Datasheet HTML 3Page - ON Semiconductor FPF2124 Datasheet HTML 4Page - ON Semiconductor FPF2124 Datasheet HTML 5Page - ON Semiconductor FPF2124 Datasheet HTML 6Page - ON Semiconductor FPF2124 Datasheet HTML 7Page - ON Semiconductor FPF2124 Datasheet HTML 8Page - ON Semiconductor FPF2124 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FPF2123-FPF2125 Rev. F
tm
October 2008
FPF2123-FPF2125
IntelliMAX™ Advanced Load Management Products
Features
1.8 to 5.5V Input Voltage Range
Controlled Turn-On
0.15-1.5A Adjustable Current Limit
Undervoltage Lockout
Thermal Shutdown
<2 A Shutdown Current
Auto Restart
Fast Current limit Response Time
3 s to Moderate Over Currents
Fault Blanking
Reverse Current Blocking
RoHS Compliant
Applications
PDAs
Cell Phones
GPS Devices
MP3 Players
Digital Cameras
Peripheral Ports
Hot Swap Supplies
General Description
The FPF2123, FPF2124, and FPF2125 are a series of load
switches which provide full protection to systems and loads
which may encounter large current conditions. These devices
contain a 0.125
current-limited P-channel MOSFET which can
operate over an input voltage range of 1.8-5.5V. The current
limit is settable using an external resistor. Internally, current is
prevented from flowing when the MOSFET is off and the output
voltage is higher than the input voltage. Switch control is by a
logic input (ON) capable of interfacing directly with low voltage
control signals. Each part contains thermal shutdown protection
which shuts off the switch to prevent damage to the part when a
continuous over-current condition causes excessive heating.
When the switch current reaches the current limit, the parts
operate in a constant-current mode to prohibit excessive
currents from causing damage. For the FPF2123 and FPF2124
if the constant current condition still persists after 10ms, these
parts will shut off the switch. The FPF2123 has an auto-restart
feature which will turn the switch on again after 160ms if the ON
pin is still active. The FPF2124 does not have this auto-restart
feature so the switch will remain off after a current limit fault until
the ON pin is cycled. The FPF2125 will not turn off after a
current limit fault, but will rather remain in the constant current
mode indefinitely. The minimum current limit is 150mA.
These parts are available in a space-saving 5 pin SOT23
package
Typical Application Circuit
Ordering Information
Part
Current Limit
[A]
Current Limit
Blanking Time
[ms]
Auto-Restart
Time
[ms]
ON Pin
Activity
Top Mark
FPF2123
0.15 - 1.5
5/10/20
80/160/320
Active HI
2123
FPF2124
0.15 - 1.5
5/10/20
NA
Active HI
2124
FPF2125
0.15 - 1.5
Infinite
NA
Active HI
2125
OFF ON
ON
VIN
GND
FPF2123 - FPF2125
ISET
VOUT
TO LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com