Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2124 Datasheet (PDF) - ON Semiconductor

FPF2124 Datasheet PDF - ON Semiconductor
Part # FPF2124
Download  FPF2124 Download
File Size   382.35 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Advanced Load Management Products

FPF2124 Datasheet (PDF)

Go To PDF Page Download Datasheet
FPF2124 Datasheet PDF - ON Semiconductor

Part # FPF2124
Download  FPF2124 Click to download

File Size   382.35 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Advanced Load Management Products

FPF2124 Datasheet (HTML) - ON Semiconductor


FPF2124 Product details

General Description
The FPF2123, FPF2124, and FPF2125 are a series of load switches which provide full protection to systems and loads which may encounter large current conditions. These devices contain a 0.125 current-limited P-channel MOSFET which can operate over an input voltage range of 1.8-5.5V. The current limit is settable using an external resistor. Internally, current is prevented from flowing when the MOSFET is off and the output voltage is higher than the input voltage. Switch control is by a logic input (ON) capable of interfacing directly with low voltage control signals. Each part contains thermal shutdown protection which shuts off the switch to prevent damage to the part when a continuous over-current condition causes excessive heating.

Features
■ 1.8 to 5.5V Input Voltage Range
■ Controlled Turn-On
■ 0.15-1.5A Adjustable Current Limit
■ Undervoltage Lockout
■ Thermal Shutdown
■ <2μA Shutdown Current
■ Auto Restart
■ Fast Current limit Response Time
    ■ 3μs to Moderate Over Currents
■ Fault Blanking
■ Reverse Current Blocking
■ RoHS Compliant

Applications
■ PDAs
■ Cell Phones
■ GPS Devices
■ MP3 Players
■ Digital Cameras
■ Peripheral Ports
■ Hot Swap Supplies




Similar Part No. - FPF2124

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2124 FAIRCHILD-FPF2124 Datasheet
454Kb / 13P
IntelliMAX Advanced Load Management Products
FPF2124 FAIRCHILD-FPF2124 Datasheet
368Kb / 13P
IntelliMAX??Advanced Load Management Products
More results


Similar Description - FPF2124

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1005 FAIRCHILD-FPF1005 Datasheet
279Kb / 9P
IntelliMAXTM Advanced Load Management Products
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
IntelliMAXTM Advanced Load Management Products
FPF2500 FAIRCHILD-FPF2500_07 Datasheet
552Kb / 13P
IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108_08 Datasheet
366Kb / 12P
IntelliMAX??Advanced Load Management Products
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
IntelliMAX??Advanced Load Management Products
FPF2174 FAIRCHILD-FPF2174_08 Datasheet
860Kb / 12P
IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
Advanced Load Management Products
August 2012 Rev. 1.0.6
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
Advanced Load Management Products
October-2017, Rev. 7
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
Advanced Load Management Products
October 2008 Rev. H
FPF2116 ONSEMI-FPF2116 Datasheet
380Kb / 14P
Advanced Load Management Products
August 2008 Rev. D
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com