Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC299M Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC299M
Description  8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC299M Datasheet(HTML) 1 Page - STMicroelectronics

  74AC299M Datasheet HTML 1Page - STMicroelectronics 74AC299M Datasheet HTML 2Page - STMicroelectronics 74AC299M Datasheet HTML 3Page - STMicroelectronics 74AC299M Datasheet HTML 4Page - STMicroelectronics 74AC299M Datasheet HTML 5Page - STMicroelectronics 74AC299M Datasheet HTML 6Page - STMicroelectronics 74AC299M Datasheet HTML 7Page - STMicroelectronics 74AC299M Datasheet HTML 8Page - STMicroelectronics 74AC299M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
April 2001
s
HIGH SPEED:
s
fMAX = 240MHz (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 8µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 299
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC299 is an advanced high-speed CMOS
8-BIT PIPO
SHIFT REGISTER (3-STATE)
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
These devices have four modes (HOLD, SHIFT
LEFT, SHIFT RIGHT and LOAD DATA). Each
mode is chosen by two function select inputs (S0,
S1) as shown in the Truth Table. When one or
both enable inputs, (G1, G2) are high, the eight
input/output terminals are in the high-impedance
state; however sequential operation or clearing of
the register is not affected. Clear function is
asynchronous to clock.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74AC299
8 BIT PIPO SHIFT REGISTER
WITH ASYNCHRONOUS CLEAR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC299B
SOP
74AC299M
74AC299MTR
TSSOP
74AC299TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC299M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC299MTC FAIRCHILD-74AC299MTC Datasheet
114Kb / 11P
8-Input Universal Shift/Storage Register
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results

Similar Description - 74AC299M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Apr-1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
8-Bit PIPO Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
29-Jul-2004
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com