Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT299 Datasheet (PDF) - STMicroelectronics

74ACT299 Datasheet PDF - STMicroelectronics
Part # 74ACT299
Download  74ACT299 Download
File Size   102.18 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR

74ACT299 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT299 Datasheet PDF - STMicroelectronics

Part # 74ACT299
Download  74ACT299 Click to download

File Size   102.18 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR

74ACT299 Datasheet (HTML) - STMicroelectronics


74ACT299 Product details

DESCRIPTION
The 74ACT299 is an advanced high-speed CMOS 8-BIT PIPO SHIFT REGISTER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.

■ HIGH SPEED: fMAX = 240MHz (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 8µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS VIH = 2V (MIN.), VIL = 0.8V (MAX.)
■ 50Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC (OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 299
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74ACT299

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT299 FAIRCHILD-74ACT299 Datasheet
114Kb / 11P
8-Input Universal Shift/Storage Register
74ACT299MTC FAIRCHILD-74ACT299MTC Datasheet
114Kb / 11P
8-Input Universal Shift/Storage Register
74ACT299PC FAIRCHILD-74ACT299PC Datasheet
114Kb / 11P
8-Input Universal Shift/Storage Register
74ACT299SC FAIRCHILD-74ACT299SC Datasheet
114Kb / 11P
8-Input Universal Shift/Storage Register
More results


Similar Description - 74ACT299

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
8-Bit PIPO Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
29-Jul-2004
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com