Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT299 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74ACT299
Description  8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT299 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74ACT299 Datasheet HTML 3Page - STMicroelectronics 74ACT299 Datasheet HTML 4Page - STMicroelectronics 74ACT299 Datasheet HTML 5Page - STMicroelectronics 74ACT299 Datasheet HTML 6Page - STMicroelectronics 74ACT299 Datasheet HTML 7Page - STMicroelectronics 74ACT299 Datasheet HTML 8Page - STMicroelectronics 74ACT299 Datasheet HTML 9Page - STMicroelectronics 74ACT299 Datasheet HTML 10Page - STMicroelectronics 74ACT299 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symb ol
Parameter
T est Con ditio n
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
tPLH
tPHL
Propagation Delay Time
CLOCK to Q’A,Q’H
5.0
(*)
7.2
10.5
1.0
12.0
ns
tPLH
tPHL
Propagation Delay Time
CLOCK to QA -QH
5.0
(*)
7.4
11.4
1.0
13.0
ns
tPHL
Propagation Delay Time
CLEAR to Q’A,Q’H
5.0
(*)
6.0
10.0
1.0
11.5
ns
tPHL
Propagation Delay Time
CLEAR to QA -QH
5.0
(*)
6.3
10.5
1.0
12.0
ns
tPZL
tPZH
Output Enable Time
5.0
(*)
7.4
11.4
1.0
13.0
ns
tPLZ
tPHZ
Output Disable Time
5.0
(*)
7.2
9.6
1.0
11.0
ns
tw
CLEAR pulse Width,
LOW
5.0
(*)
5.0
5.0
ns
tw
CLOCK pulse Width
5.0
(*)
5.0
5.0
ns
ts
Setup Time HIGH or
LOW (S0 or S1 to CK)
5.0
(*)
6.0
6.5
ns
th
Hold Time HIGH or LOW
(S0 or S1 to CK)
5.0
(*)
0.0
0.0
ns
ts
Setup Time HIGH or
LOW (SR or SL to CK)
5.0
(*)
3.5
3.5
ns
th
Hold Time HIGH or LOW
(SR or SL to CK)
5.0
(*)
2.0
2.0
ns
tREM
Recovery Time CLR to Q
5.0
(*)
2.0
2.0
ns
fMAX
Maximum Clock
Frequency
5.0
(*)
80
120
80
MHz
*) Voltage range is 5V
± 0.5V
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
CIN
Input Capacitance
5.0
510
10
pF
CI/O
Bus Input Capacitance
5.0
13
CPD
Power Dissipation
Capacitance (note 1)
5.0
fIN = 10 MHz
160
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
74ACT299
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com