Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT299 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT299
Description  8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT299 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT299 Datasheet HTML 1Page - STMicroelectronics 74ACT299 Datasheet HTML 2Page - STMicroelectronics 74ACT299 Datasheet HTML 3Page - STMicroelectronics 74ACT299 Datasheet HTML 4Page - STMicroelectronics 74ACT299 Datasheet HTML 5Page - STMicroelectronics 74ACT299 Datasheet HTML 6Page - STMicroelectronics 74ACT299 Datasheet HTML 7Page - STMicroelectronics 74ACT299 Datasheet HTML 8Page - STMicroelectronics 74ACT299 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
74ACT299
8 BIT PIPO SHIFT REGISTER
WITH ASYNCHRONOUS CLEAR
PRELIMINARY DATA
April 1999
s
HIGH SPEED:
fMAX = 170 MHz (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN), VIL = 0.8V (MAX)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 299
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The ACT299 is an high-speed CMOS 8-BIT PIPO
SHIFT REGISTERS (3-STATE) fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology. It is ideal for low
power
applications
mantaining
high
speed
operation similar to equivalent Bipolar Schottky
TTL.
These devices have four modes (HOLD, SHIFT
LEFT, SHIFT RIGHT and LOAD DATA). Each
mode is chosen by two function select inputs (S0,
S1) as shown in the Truth Table.
When one or both enable inputs, (G1, G2) are
high, the eight input/output terminals are in
the high-impedance state ; however sequential
operation or clearing of the register is not
affected. Clear function is synchronous to clock.
The device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and
CMOS output voltage levels.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
M
(Micro Package)
B
(Plastic Package)
ORDER CODES :
74ACT299B
74ACT299M
®
1/13


Similar Part No. - 74ACT299

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT299 FAIRCHILD-74ACT299 Datasheet
114Kb / 11P
8-Input Universal Shift/Storage Register
74ACT299MTC FAIRCHILD-74ACT299MTC Datasheet
114Kb / 11P
8-Input Universal Shift/Storage Register
74ACT299PC FAIRCHILD-74ACT299PC Datasheet
114Kb / 11P
8-Input Universal Shift/Storage Register
74ACT299SC FAIRCHILD-74ACT299SC Datasheet
114Kb / 11P
8-Input Universal Shift/Storage Register
More results

Similar Description - 74ACT299

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
8-Bit PIPO Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
29-Jul-2004
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com