Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161284 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74LVC161284
Description  LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC161284 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74LVC161284 Datasheet HTML 2Page - STMicroelectronics 74LVC161284 Datasheet HTML 3Page - STMicroelectronics 74LVC161284 Datasheet HTML 4Page - STMicroelectronics 74LVC161284 Datasheet HTML 5Page - STMicroelectronics 74LVC161284 Datasheet HTML 6Page - STMicroelectronics 74LVC161284 Datasheet HTML 7Page - STMicroelectronics 74LVC161284 Datasheet HTML 8Page - STMicroelectronics 74LVC161284 Datasheet HTML 9Page - STMicroelectronics 74LVC161284 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74LVC161284
6/11
TEST CIRCUIT
CL = 50 pF or equivalent (includes jig and probe capacitance)
RL =R1 = 500Ω or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1: PROPAGATION DELAY INPUT An TO OUTPUT (f=1MHz; 50% duty cycle)
TEST
S1S2S3
tPHL (A1-A8 to B1-B8, A9-A13 to Y9-Y13, PLHIN to PLH) (see waveform 1)
Open
VCC
VCC
tPLH (A1-A8 to B1-B8, A9-A13 to Y9-Y13, PLHIN to PLH, HD to B1-B8, Y9-Y13, PLH)
(see waveform 1)
Open
GND
GND
tPHL,tPLH (B1-B8 to A1-A8, C14-C17 to A14-A17, HLHIN to HLH) (see waveform 2)
Open
GND
GND
tr,tf (A1-A8 to B1-B8, A9-A13 to Y9-Y13) (see waveform 1)
Open
VCC
GND
tPLZ (DIR to A1-A8) (see waveform 4)
6V
GND
GND
tPHZ (DIR to A1-A8) (see waveform 4)
Open
GND
GND
tPZL (DIR to A1-A8) (see waveform 3)
1.4V
GND
GND
tPZH (DIR to A1-A8) (see waveform 3)
4.4V
GND
GND
tPLZ (DIR to B1-B8) (see waveform 4)
6V
GND
GND
tPHZ (DIR to B1-B8) (see waveform 4)
Open
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com