Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161284 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LVC161284
Description  LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC161284 Datasheet(HTML) 2 Page - STMicroelectronics

  74LVC161284 Datasheet HTML 1Page - STMicroelectronics 74LVC161284 Datasheet HTML 2Page - STMicroelectronics 74LVC161284 Datasheet HTML 3Page - STMicroelectronics 74LVC161284 Datasheet HTML 4Page - STMicroelectronics 74LVC161284 Datasheet HTML 5Page - STMicroelectronics 74LVC161284 Datasheet HTML 6Page - STMicroelectronics 74LVC161284 Datasheet HTML 7Page - STMicroelectronics 74LVC161284 Datasheet HTML 8Page - STMicroelectronics 74LVC161284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74LVC161284
2/11
LOGIC DIAGRAM
NOTE A:
The PMOS transistors prevent backdriving current from the signal pins to VCC/CABLE when VCC/CABLE is open or at GND. The
PMOS transistor is turned off when the associated driver is in the low state.
NOTE B:
The PMOS transistor prevents backdriving current from the signal pins to VCC/CABLE when VCC/CABLE is open or at GND.
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
HD
High Drive Enable Input
2, 3, 4, 5, 6
A9 to A13
Side A Input
8, 9, 11, 12, 13, 14, 16, 17
A1 to A8
Side A Input or Output
19
PLI
Peripheral Logic Input
20, 21, 22, 23
A14 to A17
Side A Output
24
HLO
Host Logic Output
25
HLI
Host Logic Input
29, 28, 27, 26
C14 to C17
Side Cable Output
30
PLO
Peripheral Logic Output
41, 40, 38, 37, 36, 35, 33, 32
B1 to B8
Side Cable Input or Output
47, 46, 45, 44, 43
Y9 to Y13
Side Cable Output
48
DIR
Direction Control Input
10, 15, 34, 39
GND
Ground (0V)
7, 18
VCC
Positive Supply Voltage
31, 42
VCC/CABLE
Cable Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com