Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1183AG-12-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LB1183AG-12-AF5-R
Description  300mA CMOS LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LB1183AG-12-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LB1183AG-12-AF5-R Datasheet HTML 1Page - Unisonic Technologies LB1183AG-12-AF5-R Datasheet HTML 2Page - Unisonic Technologies LB1183AG-12-AF5-R Datasheet HTML 3Page - Unisonic Technologies LB1183AG-12-AF5-R Datasheet HTML 4Page - Unisonic Technologies LB1183AG-12-AF5-R Datasheet HTML 5Page - Unisonic Technologies LB1183AG-12-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1183A
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-315.M
300mA CMOS LDO
DESCRIPTION
The UTC L1183A is a COMS positive linear regulator. One of it’s
feature is the very low quiescent current typical as low as 30μA and
its dropout voltage is extremely low with 300mA output current.
The internal circuit includes current fold-back to prevent device
failure when the circuit is operated in the bad conditions.
In application, the UTC L1183A needs a low noise, regulated
supply. For stable operation, the output capacitance value should be
2.2μF or more.
The UTC L1183A is an ideal for battery applications, such as
instrumentations, portable electronics, wireless devices, cordless
phones, PC peripherals, and battery powered widgets.
FEATURES
* Accurate To Within 1.5%
* Quiescent Current: 30μA
* With Current Limiting
* Internal Short Circuit Current Fold-Back
* Has Power-Saving Shutdown Mode
* Very Low Temperature Coefficient
ORDERING INFORMATION
Ordering Number
Package
Packing
L1183AG-xx-AF5-R
SOT-25
Tape Reel
L1183AG-xx-AG6-R
SOT-26
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
(1) R: Tape Reel
(2) AF5: SOT-25, AG6: SOT-26
(3) xx: Refer to Marking Information
(4) G: Halogen Free and Lead Free
L1183AG-xx-AF5-R
(1) Packing Type
(2) Package Type
(3) Output Voltage Code
(4) Green Package


Similar Part No. - LB1183AG-12-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LB1183BG-12-AG6-R UTC-LB1183BG-12-AG6-R Datasheet
184Kb / 4P
300mA CMOS LDO
LB1183BG-15-AG6-R UTC-LB1183BG-15-AG6-R Datasheet
184Kb / 4P
300mA CMOS LDO
LB1183BG-28-AG6-R UTC-LB1183BG-28-AG6-R Datasheet
184Kb / 4P
300mA CMOS LDO
LB1183BG-31-AG6-R UTC-LB1183BG-31-AG6-R Datasheet
184Kb / 4P
300mA CMOS LDO
LB1183BG-33-AG6-R UTC-LB1183BG-33-AG6-R Datasheet
184Kb / 4P
300mA CMOS LDO
More results

Similar Description - LB1183AG-12-AF5-R

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
300mA CMOS LDO
logo
Microchip Technology
TC1108 MICROCHIP-TC1108 Datasheet
430Kb / 12P
300mA CMOS LDO
2002
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
300mA CMOS LDO
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com