Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR478 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR478
Description  REGULATORRESET IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR478 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR478 Datasheet HTML 1Page - Unisonic Technologies LR478 Datasheet HTML 2Page - Unisonic Technologies LR478 Datasheet HTML 3Page - Unisonic Technologies LR478 Datasheet HTML 4Page - Unisonic Technologies LR478 Datasheet HTML 5Page - Unisonic Technologies LR478 Datasheet HTML 6Page - Unisonic Technologies LR478 Datasheet HTML 7Page - Unisonic Technologies LR478 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LR478
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R119-003.C
PIN CONFIGURATION
8
7
6
5
1
2
3
4
N.C
RESET
CONT
VIN
VOUT
N.C
GND
Cd
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTIONS
EQUIVALENT CIRCUIT DIAGRAM
1
N.C
2
RESET
Input voltage detection output
Input voltage detection output pin
RESET pin logic
RESET
VIN<VS
L
VIN>VS
H
RESET
3
CONT
Output voltage on/off-control pin
VCONT
Output
L
OFF
H
ON
Connect cont-terminal with VIN when it
is not used.
CONT
300K
400K
4
VIN
Voltage supply input pin
5
VOUT
Regulator Output pin
6
N.C
7
GND
GND pin
8
Cd
Delay time capacitor pin
RESET pin output delay time can be
set by the capacitance connected to
the Cd pin.
tPLH=100000.C
tPLH: transmission delay time[s]
C: capacitor value [F]
VOUT
Cd



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com