Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR478 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR478
Description  REGULATORRESET IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR478 Datasheet(HTML) 4 Page - Unisonic Technologies

  LR478 Datasheet HTML 1Page - Unisonic Technologies LR478 Datasheet HTML 2Page - Unisonic Technologies LR478 Datasheet HTML 3Page - Unisonic Technologies LR478 Datasheet HTML 4Page - Unisonic Technologies LR478 Datasheet HTML 5Page - Unisonic Technologies LR478 Datasheet HTML 6Page - Unisonic Technologies LR478 Datasheet HTML 7Page - Unisonic Technologies LR478 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LR478
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R119-003.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
-0.3 ~ +10
V
Output Current
IOUT
400
mA
Power Dissipation(note3)
PD
700
mW
Junction Temperature
TJ
+125
C
Operating Temperature
TOPR
-40 ~ +85
C
Storage Temperature
TSTG
-40~+150
C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃ ~ +70℃ operating temperature range
and assured by design from –20℃ ~ +85℃.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Operating Voltage
VOPR
0 ~ 10
V
Output Current
IOUT
0 ~ 300
mA
ELECTRICAL CHARACTERISTICS(VCONT =1.6V, Ta=25C, unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
No-load Input Current 1
IQ1
VIN=5V, IOUT=0mA
3
8
mA
No-load Input Current 2
IQ2
VIN=4V, IOUT=0mA
4
mA
Input Current (OFF)
IQ3
VIN=5V, VCONT=0.4V
250
μA
Regulator
Output Voltage
VOUT
VIN=5V, IOUT=30mA
3.33
3.40
3.47
V
Input-Output Different Voltage
VI/O(DIFF)
VIN=3.2V, IOUT=150mA
0.15
0.3
V
Line Regulation
∆VOUT
VIN=4.4~5.5V, IOUT=30mA
10
20
mV
Load Regulation
∆VOUT
VIN=5V, IOUT=0~300mA
20
120
mV
VOUT Temperature Coefficient
∆VOUT/∆TVIN=5V, IOUT=30mA, TJ= -20~85C
100
ppm/
C
Ripple Rejection
RR
VIN=5V, IOUT=30mA, f=120Hz
VRIPPLE=1VP-P
50
80
dB
Output Noise Voltage
VIN
VIN=5V, IOUT=30mA, f=20~80kHz
40
120
μVrms
CONT Terminal Current
ICONT
VCONT=1.6V
5
10
μA
High Threshold Voltage
VTHR(H)
1.6
VIN+0.3
V
Low Threshold Voltage
VTHR(L)
-0.3
0.4
V
Reset
Detection Voltage
VS
VIN= VTHR(H)→VTHR(L)
4.11
4.20
4.29
V
Vs Temperature Coefficient
∆VS/∆T
TJ= -20~85C
100
ppm/
C
Hysteresis Voltage
VHYS
VIN= VTHR(H)→VTHR(L)→VTHR(H)
100
200
mV
Low-Level Output Voltage
VOL
VIN=3.9V, RL=4.7K
100
200
mV
Output Leakage Current
ILEAK
VIN=5V
±0.1
μA
Output Current 1
IOUT1
VIN=3.9V, RL=0
5
mA
Output Current 2
IOUT2
VIN=3.9V, RL=0, Ta= -20~85C
3
mA
“H” Transmission Delay Time
tPLH
Cd =0.0μF
30
90
μs
Reset Delay Time
tPLH 1
VIN=4V→5V, Cd =0.1μF
5
10
20
ms
“L” Transmission Delay Time
tPLH
30
90
μs
Threshold Operating Voltage
VTHR(OPR) VoL=0.4V
0.65
0.85
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com