Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1120G-18-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1120G-18-AF5-R
Description  LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1120G-18-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1120G-18-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1120G-18-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1120G-18-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1120G-18-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1120
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-331.l
500mA, LOW DROPOUT, LOW
NOISE ULTRA-FAST WITH
SOFT START CMOS LDO
REGULATOR
DESCRIPTION
UTC LR1120, a 500mA LDO regulator, has very high PSRR and
super low dropout voltage especially suitable for wireless and
portable applications.
In the field of hand-held wireless devices, board space and
battery life are the main concerns of designers and end-users.
Because of the low quiescent current and low ESR ceramic
capacitors, UTC LR1120 can satisfy those concerns.
Furthermore, low current consumption in shutdown mode
(0.7μA), fast turn-on time (<70μs), high output accuracy, current
limiting protection, and high ripple rejection ratio are advantages of
UTC LR1120.
FEATURES
* Operating Voltage Ranges : 2.2V to 5.5V
* Dropout : 250mV at 500mA
* When IC Shutdown: 5mA Discharge Current of VOUT
* Extreme Low Noise for DSC Application
* Extreme Fast Response in Line/Load Transient
* Internal Current Limiting Protection
* Internal Thermal Shutdown Protection
* High PSRR
* Recommended 1μF Output Capacitor only for Stability
* With TTL Logic Controlled Shutdown Input
ORDERING INFORMATION
Ordering Number
Package
Packing
LR1120G-xx-AF5-x-R
SOT-25
Tape Reel
LR1120G-xx-AL5-x-R
SOT-353
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR1120G-18-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1120G-18-AF5-A-R UTC-LR1120G-18-AF5-A-R Datasheet
173Kb / 4P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
More results

Similar Description - LR1120G-18-AF5-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
Ultra Low Noise Low Dropout Voltage Regulator
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
AiT Semiconductor Inc.
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
logo
Richtek Technology Corp...
RT9065 RICHTEK-RT9065 Datasheet
138Kb / 11P
500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
May 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com