Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1121BL-39-AF5-A-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1121BL-39-AF5-A-R
Description  HIGH RIPPLE-REJECTION LDO REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1121BL-39-AF5-A-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1121BL-39-AF5-A-R Datasheet HTML 1Page - Unisonic Technologies LR1121BL-39-AF5-A-R Datasheet HTML 2Page - Unisonic Technologies LR1121BL-39-AF5-A-R Datasheet HTML 3Page - Unisonic Technologies LR1121BL-39-AF5-A-R Datasheet HTML 4Page - Unisonic Technologies LR1121BL-39-AF5-A-R Datasheet HTML 5Page - Unisonic Technologies LR1121BL-39-AF5-A-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1121B
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R502-101.G
HIGH RIPPLE-REJECTION LDO
REGULATOR
DESCRIPTION
The UTC LR1121B is CMOS-based voltage regulator ICs with
high output voltage accuracy, extremely low current, low
ON-resistance, and high Ripple Rejection.
An ON/OFF circuit enables the output to be turned off, ensuring a
long battery life. a built-in low on-resistance transistor provides a low
dropout voltage and large output current, and a built-in overcurrent
protector prevents the load current from exceeding the current
capacitance of the output transistor.
The line transient response and load transient of the UTC
LR1121B
is excellent.
FEATURES
* Ultra-Low Supply Current :
During Operation: 30μA TYP.
During Standby: 0.1μA Typ.
* Output Voltage: 2.1V ~ 5.5V, Selectable in 0.1 V Steps.
* High Output Voltage Accuracy: ±2.0%
* Low Dropout Voltage: 180 mV Typ. (2.8 V Output Product, IOUT = 100 mA)
* High Ripple Rejection: 70 dB TYP. (@ 1.0 kHz)
* High Peak Current Capability: 150 mA Output is Possible (@ VIN ≥ VOUT(S) + 1.0 V)
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR1121BL-xx-AF5-A-R
LR1121BG-xx-AF5-A-R
SOT-25
Tape Reel
LR1121BL-xx-AF5-B-R
LR1121BG-xx-AF5-B-R
SOT-25
Tape Reel


Similar Part No. - LR1121BL-39-AF5-A-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1121BL-XX-AF5-A-R UTC-LR1121BL-XX-AF5-A-R Datasheet
331Kb / 7P
HIGH RIPPLE-REJECTION LDO REGULATOR
LR1121BL-XX-AF5-B-R UTC-LR1121BL-XX-AF5-B-R Datasheet
331Kb / 7P
HIGH RIPPLE-REJECTION LDO REGULATOR
More results

Similar Description - LR1121BL-39-AF5-A-R

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1165 SII-S-1165 Datasheet
280Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-T111 SII-S-T111 Datasheet
238Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Rohm
BHXXNB1WHFV ROHM-BHXXNB1WHFV_09 Datasheet
339Kb / 9P
High-ripple rejection CMOS LDO Regulators for High-frequency Circuits
logo
Unisonic Technologies
LR1121B UTC-LR1121B Datasheet
331Kb / 7P
HIGH RIPPLE-REJECTION LDO REGULATOR
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
logo
E-Tech Electronics LTD
LR1121B ETL-LR1121B Datasheet
340Kb / 8P
HIGH RIPPLE-REJECTION LDO REGULATOR
logo
Seiko Instruments Inc
ST111 SII-ST111 Datasheet
406Kb / 23P
HIGH RIPPLE-REJECTION
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com