Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2937L-33-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LM2937L-33-AA3-R
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2937L-33-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LM2937L-33-AA3-R Datasheet HTML 1Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 2Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 3Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 4Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 5Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 6Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 7Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 8Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM2937
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R102-012.K
ORDERING INFORMATION
Order Number
Lead Free
Halogen Free
Package
Packing
LM2937L-xx-AA3-R
LM2937G-xx-AA3-R
SOT-223
Tape Reel
LM2937L-xx-TA3-T
LM2937G-xx-TA3-T
TO-220
Tube
LM2937L-xx-TQ2-R
LM2937G-xx-TQ2-R
TO-263
Tape Reel
LM2937L-xx-TQ2-T
LM2937G-xx-TQ2-T
TO-263
Tube
LM2937L-xx-TQ3-R
LM2937G-xx-TQ3-R
TO-263-3
Tape Reel
LM2937L-xx-TQ3-T
LM2937G-xx-TQ3-T
TO-263-3
Tube
LM2937L-xx-TQ5-R
LM2937G-xx-TQ5-R
TO-263-5
Tape Reel
LM2937L-xx-TQ5-T
LM2937G-xx-TQ5-T
TO-263-5
Tube
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-223
TO-220
TO-263
TO-263-3
12
3
UTC
LM2937
Voltage Code
Date Code
L: Lead Free
G: Halogen Free
Lot Code
TO-263-5
33 :3.3V
50 :5.0V
80 :8.0V
10 :10V
12 :12V
15 :15V
PIN CONFIGURATION
PIN NO.
SOT-223/TO-220
TO-263/TO-263-3
TO-263-5
PIN NAME
1
4
Input
2
3
GND
3
5
Output
-
1
N/C
-
2
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com