Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2937L-33-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM2937L-33-AA3-R
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2937L-33-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM2937L-33-AA3-R Datasheet HTML 1Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 2Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 3Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 4Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 5Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 6Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 7Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 8Page - Unisonic Technologies LM2937L-33-AA3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM2937
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R102-012.K
500mA LOW DROPOUT
VOLTAGE REGULATOR
DESCRIPTION
The UTC LM2937 is a positive voltage regulator capable of
supplying up to 500mA of load current. The use of a PNP power
transistor provides a low dropout voltage characteristic. With a load
current of 500mA the minimum input to output voltage differential
required for the output to remain in regulation is typically 0.5V(1V
guaranteed maximum over the full operating temperature range).
Special circuitry has been incorporated to minimize the quiescent
current to typically only 10mA with a full 500mA load current when the
input to output voltage differential is greater than 3V.
The UTC LM2937 requires an output bypass capacitor for stability.
As with most low dropout regulators, the ESR of this capacitor remains
a critical design parameter, but the LM2937 includes special
compensation circuitry that relaxes ESR requirements. The UTC
LM2937
is stable for all ESR below 3Ω.This allows the use of low ESR
chip capacitors.
Ideally suited for automotive applications, the UTC LM2937 will
protect itself and any load circuitry from reverse battery connections,
two-battery jumps and up to +60V/-50V load dump transients. Familiar
regulator features such as short circuit and thermal shutdown protection
are also built in.
FEATURES
* Fully specified for operation over -40
C~ +125C
* Output current in excess of 500mA
* Output trimmed for 5% tolerance under all operating conditions
* Typical dropout voltage of 0.5V at full rated load current
* Wide output capacitor ESR range, up to 3Ω
* Reverse battery protection
* Internal short circuit and thermal overload protection
* 60V input transient protection
* Mirror image insertion protection
* Built-in ON/OFF control function


Similar Part No. - LM2937L-33-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2937L-33-TA3-R UTC-LM2937L-33-TA3-R Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937L-33-TQ2-R UTC-LM2937L-33-TQ2-R Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937L-33-TQ3-R UTC-LM2937L-33-TQ3-R Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937L-33-TQ5-R UTC-LM2937L-33-TQ5-R Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LM2937L-33-AA3-R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
165Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
500mA Low Dropout Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com