Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2950L-30-D08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M2950L-30-D08-R
Description  200mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2950L-30-D08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  M2950L-30-D08-R Datasheet HTML 1Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 2Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 3Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 4Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 5Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 6Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 7Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M2950/2951
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R102-004.J
MARKING INFORMATION (FOR M2950)
PACKAGE
VOLTAGE CODE
MARKING
DIP-8
SOP-8
TO-92
25: 2. 5V
30: 3. 0V
33: 3. 3V
36:3.6V
50:5.0V
MARKING INFORMATION (FOR M2951)
DIP-8
SOP-8
25: 2. 5V
30: 3. 0V
33: 3. 3V
36:3.6V
50:5.0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com