Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2950L-30-D08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M2950L-30-D08-R
Description  200mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2950L-30-D08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  M2950L-30-D08-R Datasheet HTML 1Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 2Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 3Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 4Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 5Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 6Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 7Page - Unisonic Technologies M2950L-30-D08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M2950/2951
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R102-004.J
ELECTRICAL CHARACTERISTICS (Cont.)
For UTC M2951 8-Pin Version Only
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
ERROR COMPARATOR
Output Leakage Current
IO(LEAK) VOH=18V
1
μA
Output Low Voltage
VOL
VIN=VOUT×90%, IOL=400μA
250
mV
Upper
VTHU
3.2
Threshold Voltage
Lower
VTHL
(Note 3)
7.6
%VO
Hysteresis
VHYS
(Note 3)
15
mV
SHUTDOWN INPUT
Low
VIL
Regulator ON
1.3
0.7
Input Logic Voltage
High
VIH
Regulator OFF
2.0
V
VSHDN=2.4V
30
50
Shutdown Pin Input Current
ISHDN
VSHDN=18V
450
600
μA
Regulator Output Current
Shutdown
IDFF
VSHDN≧2V, VIN≦18V, VOUT=0V
Feedback pin tied to 5V Tap.
3
10
μA
For UTC M2951 8-Pin Version Only
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Reference Voltage
VREF
VOH=18V
1.22
1.235
1.25
V
Reference Voltage
VREF
Over temperature(Note 4)
1.19
1.27
V
Feedback pin Bias Current
IFB
20
40
nA
Reference Voltage Temperature
Coefficient
VREF(TC)
50
ppm/
C
Feedback Bias Current
Temperature Coefficient
IFB(TC)
0.1
nA/
C
Note: 1.
2.
3.
4.
Additional conditions for 8-pin versions are feedback tied to 5V Tap an Output tied to Output Sense
(VOUT=5V) and VSHDN≦0.8V.
Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV
below its nominal value measured at 1V differential.
Comparator thresholds are expressed in terms of percentage value of voltage output.
VREF≦VOUT≦(VIN-1V), 2.3V≦VIN≦30V, 100A≦IL≦250mA, TJ≦TJ(MAX)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com