Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2950G-33-D08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2950G-33-D08-R
Description  200mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2950G-33-D08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2950G-33-D08-R Datasheet HTML 1Page - Unisonic Technologies M2950G-33-D08-R Datasheet HTML 2Page - Unisonic Technologies M2950G-33-D08-R Datasheet HTML 3Page - Unisonic Technologies M2950G-33-D08-R Datasheet HTML 4Page - Unisonic Technologies M2950G-33-D08-R Datasheet HTML 5Page - Unisonic Technologies M2950G-33-D08-R Datasheet HTML 6Page - Unisonic Technologies M2950G-33-D08-R Datasheet HTML 7Page - Unisonic Technologies M2950G-33-D08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2950/2951
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-004.J
200mA LOW-DROPOUT
VOLTAGE REGULATOR
DESCRIPTION
The UTC M2950/2951 is a monolithic integrated voltage regulator
with low dropout voltage, and low quiescent current. It includes many
features that suitable for different applications.
FEATURES
* Fixed output versions, 2.5V, 3V, 3.3V, 3.6V and 5V, are available.
* Extremely low quiescent current and dropout voltage.
* Extremely tight load and line regulation.
* Current and thermal limiting.
* Very low temperature coefficient.
* Logic controlled shutdown and err flog available for 8 pin package.
* Output voltage programmable for M2951
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
M2950L-xx-D08-T
M2950G-xx-D08-T
DIP-8
Tube
-
M2950G-xx-S08-R
SOP-8
Tape Reel
M2950L-xx-T92-B
M2950G-xx-T92-B
TO-92
Tape Box
M2950L-xx-T92-K
M2950G-xx-T92-K
TO-92
Bulk
M2951L-D08-T
M2951G-D08-T
DIP-8
Tube
-
M2951G-S08-R
SOP-8
Tape Reel
Note: Pin Assignment: I:VIN O:VOUT G:GND


Similar Part No. - M2950G-33-D08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
M2950 UTC-M2950 Datasheet
265Kb / 8P
200mA LOW-DROPOUT VOLTAGE REGULATOR
M2950-2.5 UTC-M2950-2.5 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
M2950-3.0 UTC-M2950-3.0 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
M2950-3.3 UTC-M2950-3.3 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - M2950G-33-D08-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
200mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
200mA LOW-DROPOUT VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
Low Input Voltage, Low-Dropout 200mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com