Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAPL3812WA0 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EAPL3812WA0
Description  Side View LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPL3812WA0 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EAPL3812WA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2015-02-26 11:30:26.0
DATASHEET
SMD  Side View LEDs
EAPL3812WA0
2
Copyright © 2010, Everlight All Rights Reserved. Release Date : 24.Feb.2015. Issue No: V1
Issue No: DSE-0012838
www.everlight.com
Device Selection Guide
Chip
Materials
Emitted Color
Resin Color
InGaN
Pure White
Water Clear
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Peak Forward Current (Duty 1/10 @10ms)
IFP
60
mA
Power Dissipation
Pd
110
mW
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260
for 10 sec.
Hand Soldering : 350
for 3 sec.
Electrostatic Discharge(HBM)*1
ESD
2KV, Test/Result: 0/50.
Test Times: 3Time.
Notes: *1The products are sensitive to static electricity and must be carefully taken when handling products.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
1300
-----
1450
mcd
IF=20mA
Forward Voltage
VF
3.05
-----
3.45
volt
IF=20mA
Viewing Angle
1/2
-----
110
-----
deg
IF=20mA
Notes:
1. Tolerance of Luminous Intensity: ±11%.
2. Tolerance of Forward Voltage: ±0.05V.
Bin Range of Luminous Intensity
Bin Code
Min.
Max.
Unit
Condition
24
1300
1350
mcd
IF=20mA
25
1350
1400
26
1400
1450
Notes: Tolerance of Luminous Intensity: ±11%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com