Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAPL3812WA0 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # EAPL3812WA0
Description  Side View LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPL3812WA0 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button EAPL3812WA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAPL3812WA0 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2015-02-26 11:30:26.0
DATASHEET
SMD  Side View LEDs
EAPL3812WA0
7
Copyright © 2010, Everlight All Rights Reserved. Release Date : 24.Feb.2015. Issue No: V1
Issue No: DSE-0012838
www.everlight.com
Carrier Tape Dimensions: Loaded Quantity 250 up/500/1000/2000 pcs. Per Reel
Note: Tolerance unless mentioned is ±0.1mm; Unit = mm
Moisture Resistant Packing Process
Label
Aluminum moisture-proof bag
Desiccant
Label



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com