Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2316D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS2316D
Description  Secondary Side Housekeeping Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2316D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS2316D Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AS23xx
Secondary Side Housekeeping Circuit
ASTEC Semiconductor
94
Pin Function Description (For AS2316)
Pin Number
Function
Description
1VCC
Power input to the chip.
2
+12 V
Input for overvoltage and undervoltage for the +12 V rail.
3
+5 V
Input for overvoltage and undervoltage for the +5 V rail.
4
+3.3
Input for overvoltage and undervoltage for the +3.3V rail.
5
–5 V
Input for overvoltage and undervoltage for the –5 V rail.
6
–12 V
Input for overvoltage and undervoltage for the –12 V rail. This function may
disabled by tying this pin to a positive voltage above 2.4 V.
7
GND
Signal ground and silicon substrate.
8
HYST
Open collector output of the AC undervoltage comparator. A resistor between this pin
and AC will provide hysteresis to the AC undervoltage sensing.
9
OFF
Pulling this pin low will reset the FAULT latch and discharge the start-up timing
capacitors, UVB and PG CAP, allowing normal start-up for the system. Pulling this pin
high will send the FAULT signal high, prompting a system shutdown.
10
AC
Non-inverting input to the AC undervoltage sensing comparator. If the AC pin is
less than 2.5 V, POK goes low and UVB cap discharges.
11
PG CAP
A cap to ground provides a delay between undervoltage sensing becoming good
and the POK output going high. Cap discharges whenever an output or AC
undervoltage is detected.
12
POK
Open collector output of the undervoltage sensing comparators. This pin goes low
upon an undervoltage condition. Except for the delay set by the PG CAP, this pin
always reflects the actual state of the undervoltage sensing.
13
DELAY
A cap to ground will delay the FAULT signal when the OFF pin is used to shut down
the system. The POK will signal a power fail warning immediately, but the FAULT
shutdown of the power supply will be delayed.
14
UVB
A cap to ground provides start-up blanking of the undervoltage sensing portion of the
FAULT signal. This pin may also be grounded to prevent undervoltage conditions from
triggering the FAULT signal. This pin discharges the cap whenever AC goes low or
FAULT pin goes high.
15
VREF
2.5 V Voltage reference. This is a series regulator type reference.
16
FAULT
Open collector output of the overvoltage and undervoltage comparators.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com