Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2316D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AS2316D
Description  Secondary Side Housekeeping Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2316D Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AS2316D Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 9Page - List of Unclassifed Manufacturers AS2316D Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Secondary Side Housekeeping Circuit
AS23xx
97
ASTEC Semiconductor
Electrical Characteristics (cont’d)
Electrical Characteristics are guaranteed over full junction temperature range (0 to 105
° C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. Unless otherwise specified, the conditions of test are VCC = 12 V;
+3.3 V = 3.3 V; +5 V = 5V; +12 V = 12 V; –12 V = –12 V; – 5 V = – 5 V.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Typical Performance Curves
Not Available at Time of Publishing
Voltage Reference
Output Voltage
VREF
IREF = 0 mA, TJ = 25
° C
2.488
2.500
2.525
V
Line Regulation
∆VREF
VCC = 5 V to 15 V
10
15
mV
Load Regulation
∆VREF
IREF = 0 V to –5 mA
10
15
mV
Temperature Deviation*
∆VREF
0 < TJ < 105
° C10
15
mV
Start-Up Functions
UVB Pull-up Current Source
IOH
VUVB = 2.0 V; no faults
– 0.4
–1
–1.9
µA
UVB Clamp
VOH MAX
IUVB = 10
µA; no faults
2.9
3.1
3.3
V
UVB Discharge Current
IUVB
VUVB = 2.0 V; FAULT = low;
3
8
mA
(AC shutdown)
AC < 2.5 V
UVB Discharge Current
IOL
VUVB = 2.0 V; FAULT = high;
2.5
10
mA
(FAULT shutdown)
AC > 2.5 V
UVB Low Output Voltage
VOL
IUVB = 100
µA; FAULT = low; AC < 2.5 V
0.2
V
PG CAP Pull-up Current Source
IOH
VPGCAP = 2.0 V; no faults
– 0.5
–1
–1.4
µA
PG CAP Clamp
VOH MAX
IPGCAP = 10
µA; no faults; AC > 2.5 V
2.9
3.1
3.3
V
PG CAP Discharge Current
IOL
VPGCAP = 2.0 V; undervoltage
2
6
mA
condition
PG CAP Low Output Voltage
VOL
IPGCAP = 100
µA; undervoltage condition
0.2
V
OFF Input High Voltage
VIH
2.0
V
OFF Input Low Voltage
VIL
0.8
V
OFF Pull-up to VCC
RVOFF = 0 V
25
50
100
k
DELAY Pull-up Current Source
IOH
VDELAY = 0 V; OFF = high
– 0.5
–1
–2.0
µA
DELAY Clamp
VOH MAX
IDELAY = 10
µA; OFF = high
2.9
3.1
3.3
V
DELAY Discharge Current
IOL
VDELAY = 2.0 V; OFF = low
2.5
10
mA
DELAY Low Output Voltage
VOL
IDELAY = 100
µA; OFF = low
0.2
V
*Temperature deviation is defined as the maximum deviation of the reference over the given temperature range and does not imply an
incremental deviation at any given temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com