Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5132-ROTIL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT83C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5132-ROTIL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT83C5132-ROTIL Datasheet HTML 2Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 3Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 4Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
12
AT89C5132
4173CS–USB–07/04
Internal Pin Structure
Table 16. Detailed Internal Pin Structure
Notes:
1. For information on resistors value, input/output levels, and drive capability, refer to
the Section “DC Characteristics”, page 183.
2. When the Two Wire controller is enabled, P1, P2, and P3 transistors are disabled
allowing pseudo open-drain structure.
3. In Port 2, P
1 transistor is continuously driven when outputting a high level bit address
(A15:8).
Circuit
(1)
Type
Pins
Input
TST
Input/Output
RST
Input/Output
P1(2)
P2
(3)
P3
P4
P53:0
Input/Output
P0
MCMD
MDAT
ISP
PSEN
Output
ALE
SCLK
DCLK
DOUT
DSEL
MCLK
Input/Output
D+
D-
VDD
VSS
P
VDD
Watchdog Output
P3
VSS
N
P1
VDD
VDD
2 osc
Latch Output
periods
P2
VDD
VSS
N
P
VDD
VSS
N
P
VDD
D+
D-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com