Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5132-ROTIL Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT83C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5132-ROTIL Datasheet(HTML) 3 Page - ATMEL Corporation

  AT83C5132-ROTIL Datasheet HTML 1Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 2Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 3Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 4Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT83C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
5
AT89C5132
4173CS–USB–07/04
Pin Description
Figure 2. AT89C5132 80-pin TQFP Package
1
2
3
4
5
6
7
8
13
11
10
P2.2/A10
P2.3/A11
P2.4/A12
P2.6/A14
P2.5/A13
P2.7/A15
MCLK
MDAT
MCMD
PVSS
VSS
X2
X1
TST
9
12
14
15
16
VSS
VDD
RST
SCLK
DSEL
DCLK
DOUT
P1.0/KIN0
P1.1/KIN1
P1.2/KIN2
P1.3/KIN3
P1.4
P1.5
P1.7/SDA
FILT
PVDD
VDD
P1.6/SCL
17
18
19
20
41
42
43
44
45
46
47
48
53
51
50
49
52
54
55
56
57
58
59
60
ALE
ISP
UVDD
UVSS
VSS
VDD
P4.5
P4.4
TQFP80



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com