Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9753 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM9753 Datasheet HTML 1Page - ATMEL Corporation ATSAM9753 Datasheet HTML 2Page - ATMEL Corporation ATSAM9753 Datasheet HTML 3Page - ATMEL Corporation ATSAM9753 Datasheet HTML 4Page - ATMEL Corporation ATSAM9753 Datasheet HTML 5Page - ATMEL Corporation ATSAM9753 Datasheet HTML 6Page - ATMEL Corporation ATSAM9753 Datasheet HTML 7Page - ATMEL Corporation ATSAM9753 Datasheet HTML 8Page - ATMEL Corporation ATSAM9753 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
ATSAM9753
1774D–DRMSD–11/02
Figure 1. Typical Application for the ATSAM9753
Figure 2. ATSAM9753 Block Diagram
ROM
ATSAM9753
DAC
Keyboards
Switches
LEDs
LCD Display
Sliders
MIDI_IN/MIDI_OUT
P16 Processor
256 x 16 RAM
512 x 16 ROM
64-slot DSP
with
Algorithms
in RAM
32K x 16
SRAM
Memory
Management
Unit
MIDI UART
3 x Timers
Control and
Status Regs
128 x 16
Scanning
RAM
Keyboards
Switches
Sliders
LEDs
Scanning I/F
Clock
and
PLL
8-bit
ADC
LCD
Display
Interface
DACLK
DABD[1:0]
DAAD
CLBD
WSBD
RUN
WA[23:0]
WD[15:0]
RD
WR
CS[1:0]
XIO[1:0]
MIDI_IN
MIDI_OUT
GPIO[4:0]
VREFP
VREFN
VIN
RS
RW
ENB
DB[7:0]
KBDIO
ROW[2:0]
BR[10:0]
MK[10:0]
X1
X2
LFT
RESET
PDWN
DEBUG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com