Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9753 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM9753 Datasheet HTML 1Page - ATMEL Corporation ATSAM9753 Datasheet HTML 2Page - ATMEL Corporation ATSAM9753 Datasheet HTML 3Page - ATMEL Corporation ATSAM9753 Datasheet HTML 4Page - ATMEL Corporation ATSAM9753 Datasheet HTML 5Page - ATMEL Corporation ATSAM9753 Datasheet HTML 6Page - ATMEL Corporation ATSAM9753 Datasheet HTML 7Page - ATMEL Corporation ATSAM9753 Datasheet HTML 8Page - ATMEL Corporation ATSAM9753 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
ATSAM9753
1774D–DRMSD–11/02
Notes:
1. Like all high-speed HCMOS ICs proper decoupling is mandatory for reliable operation and RFI reduction. The recommended
decoupling is 100 nF at each corner of the IC with an additional 10 µF bulk capacitor close to the X1, X2 pins.
2. The LCD display interface signals are controlled by firmware, therefore, their timing relationship is determined by firmware
only.
3. The ATSAM9753 connects to a variety of stereo DACs or Codecs from 16 to 20 bits, with Japanese or I
2S format. This
includes AD1857JRS, AK4352, AK4393, AK4528, PCM1718, PCM1739, PCM3001, TDA1543, TDA1545 . When Japanese
format is used, only 16 bits is supported without external circuitry.
PDWN
84
IN
Power down, active low. When power down is active, all output pins are
floating except GPIO1. The crystal oscillator is stopped. To exit from power-
down mode, PDWN should be high and RESET applied.
X1
X2
98, 99
–
11.2896 MHz (nominal) crystal connection. An external clock can also be
used at X1.
TEST[3:0]
79 - 82
IN
Test pins, should be grounded
LFT
100
–
PLL external RC network
Table 1. Pin Description by Function (Continued)
Pin Name
Pin Number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com