Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-230UC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RSC-230UC
Description  PLC-INTERFACE, consisting of DIN-rail-mountable basic terminal block in 14 mm with screw connection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-230UC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RSC-230UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-230UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-230UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-230UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-230UC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2909512
07/23/2018   Page 3 / 5
Relay Module - PLC-RSC-230UC/21-21/EX - 2909512
Technical data
General
UL, Canada
Class I, Zone 2, Ex nA nC IIC Gc T6 X
Mounting position
any
Assembly instructions
In rows with zero spacing
Connection data input side
Connection name
Coil side
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
0.2 mm² ... 2.5 mm² ()
2x 0.5 mm² ... 1.5 mm² ()
Conductor cross section AWG
26 ... 14
Connection data output side
Connection name
Contact side
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
0.2 mm² ... 2.5 mm² ()
2x 0.5 mm² ... 1.5 mm² ()
Conductor cross section AWG
26 ... 14
Standards and Regulations
Designation
Standards/regulations
Standards/regulations
IEC 60664
EN 50178
EN 60079-0, -7, -15
Rated insulation voltage
250 V AC
Rated surge voltage
6 kV
Insulation
Safe isolation, reinforced insulation
Degree of pollution
2
Overvoltage category
III
Flammability rating according to UL 94
V0
Conformance
CE-compliant
ATEX
 II 3G Ex ec nC IIC T4 Gc
IECEx
Ex ec nC IIC T4 Gc
UL, USA
Class I, Zone 2, AEx nA nC IIC T6
UL, USA/Canada
Class I, Div. 2, Groups A, B, C, D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com