Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-230UC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RSC-230UC
Description  PLC-INTERFACE, consisting of DIN-rail-mountable basic terminal block in 14 mm with screw connection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-230UC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RSC-230UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-230UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-230UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-230UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-230UC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2909512
07/23/2018   Page 1 / 5
Relay Module - PLC-RSC-230UC/21-21/EX - 2909512
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE, consisting of DIN-rail-mountable basic terminal block in 14 mm with screw connection
and plug-in relay with power contact, 2 changeover contacts, 230 V AC/220 V DC input voltage. Approved
according to ATEX/IECEx (Zone 2) and Ex Zone Class I, Div. 2.
Key Commercial Data
Packing unit
10 STK
Minimum order quantity
10 STK
GTIN
GTIN
4055626363158
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
14 mm
Height
80 mm
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C (UL)
-40 °C ... 55 °C (ATEX / IECEx)
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
230 V AC
220 V DC
Typical input current at UN
4.5 mA (UN = 230 V AC)
4.3 mA (UN = 220 V DC)


Similar Part No. - PLC-RSC-230UC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSC-220DC PHOENIX-PLC-RSC-220DC Datasheet
69Kb / 4P
PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V DC
PLC-RSC-24DC PHOENIX-PLC-RSC-24DC Datasheet
116Kb / 11P
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 1 PDT, input voltage: 24 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2 and ATEX (Zone 2)
PLC-RSC-24UC PHOENIX-PLC-RSC-24UC Datasheet
208Kb / 6P
The illustration shows the version PLC-RSC- 24DC/21-21
More results

Similar Description - PLC-RSC-230UC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2967086 ETC2-2967086 Datasheet
140Kb / 8P
PLC relay, consisting of base terminal block PLCBSC
logo
PHOENIX CONTACT
PLC-RPIT-12DC PHOENIX-PLC-RPIT-12DC Datasheet
186Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 12 V DC
PLC-RPIT-48DC PHOENIX-PLC-RPIT-48DC Datasheet
162Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 48 V DC
PLC-RPIT-60DC PHOENIX-PLC-RPIT-60DC Datasheet
162Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 60 V DC
PLC-RPT-12DC PHOENIX-PLC-RPT-12DC Datasheet
99Kb / 6P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 12 V DC
PLC-RPT-24DC PHOENIX-PLC-RPT-24DC Datasheet
110Kb / 7P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 24 V DC
PLC-RSC-12DC PHOENIX-PLC-RSC-12DC Datasheet
111Kb / 9P
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 2 PDTs, input voltage: 12 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2
PLC-RSC-24DC PHOENIX-PLC-RSC-24DC Datasheet
116Kb / 11P
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 1 PDT, input voltage: 24 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2 and ATEX (Zone 2)
PLC-RSC-125DC PHOENIX-PLC-RSC-125DC Datasheet
143Kb / 6P
PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
PLC-RSC-220DC PHOENIX-PLC-RSC-220DC Datasheet
69Kb / 4P
PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com