Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIPRM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CIPRM
Description  Coherent InGaAs PIN balanced receiver module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CIPRM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CIPRM Datasheet HTML 1Page - List of Unclassifed Manufacturers CIPRM Datasheet HTML 2Page - List of Unclassifed Manufacturers CIPRM Datasheet HTML 3Page - List of Unclassifed Manufacturers CIPRM Datasheet HTML 4Page - List of Unclassifed Manufacturers CIPRM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.excelitas.com
Page 1 of 5
CIPRM balanced receiver, Rev. 2016-01
Preliminary Data Sheet
Photon Detection
CIPRM series
Coherent InGaAs PIN balanced receiver module
In the CIPRM series balanced optical receiver Excelitas has the
best features of high performance InGaAs photodiodes and low
noise, high gain transimpedance amplifier to offer a practical
solution to detect small changes above the interfering noise floor
of incoming signal. The advantage is that the common optical
noise is cancelled out.
This receiver incorporates two low-noise photodiodes with well-
matched responsivity in order to ensure a high common mode
rejection ratio (CMRR). It has two optical inputs (single mode
fiber in -1 series and FC connectorized in -2 series), an RF output,
electrical supply inputs and two photo-current monitor outputs.
The CIPRM modules come in a robust casing with flange mounting
holes for securing the module to working surfaces or platforms.
Combined with a wide operating temperature range, the CIPRM
can work in some of the toughest and harshest environments.
Excelitas’ series of optical balanced receiver modules are designed
and built to be fully compliant with the European Union’s RoHS
Directive 2011/65/EU.
Key Features
 Spectral range—800-
1650nm
 200MHz bandwidth
 High performance InGaAs
photodiode and TIA
 Matching responsivity
 Photo-current monitor
outputs
 Rugged and Robust
 RoHS compliant
Applications
 Spectroscopy
 Optical delay measurement
 Heterodyne Detection
 Optical coherent
tomography
 Ellipsometry
 Ultra low signal detection


Similar Part No. - CIPRM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CIPR-GA50C2001EBAA-BAAASA ETC-CIPR-GA50C2001EBAA-BAAASA Datasheet
3Mb / 20P
AC Microdrives for Industrial Applications
03/2021
CIPR-GA50C2002EBAA-BAAASA ETC-CIPR-GA50C2002EBAA-BAAASA Datasheet
3Mb / 20P
AC Microdrives for Industrial Applications
03/2021
CIPR-GA50C2004EBAA-BAAASA ETC-CIPR-GA50C2004EBAA-BAAASA Datasheet
3Mb / 20P
AC Microdrives for Industrial Applications
03/2021
CIPR-GA50C2006EBAA-BAAASA ETC-CIPR-GA50C2006EBAA-BAAASA Datasheet
3Mb / 20P
AC Microdrives for Industrial Applications
03/2021
CIPR-GA50C2008EBAA-BAAASA ETC-CIPR-GA50C2008EBAA-BAAASA Datasheet
3Mb / 20P
AC Microdrives for Industrial Applications
03/2021
More results

Similar Description - CIPRM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRM3Z621KT ETC1-FRM3Z621KT Datasheet
278Kb / 5P
InGaAs-PIN/Preamp Receiver
logo
Eudyna Devices Inc
FRM3Z121KT EUDYNA-FRM3Z121KT Datasheet
121Kb / 5P
InGaAs-PIN/Preamp Receiver
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
InGaAs-PIN/Preamp Receiver
FRM5J142GW EUDYNA-FRM5J142GW Datasheet
315Kb / 4P
InGaAs-PIN/Preamp Receiver
logo
Optoway Technology Inc
PDA-1300 OPTOWAY-PDA-1300 Datasheet
67Kb / 2P
InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-FA OPTOWAY-PDA-1500-FA Datasheet
61Kb / 2P
InGaAs PIN Photodiode Module for CATV Receiver
PT-5130 OPTOWAY-PT-5130 Datasheet
90Kb / 2P
3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA Receiver
PDA-1300 OPTOWAY-PDA-1300_09 Datasheet
116Kb / 3P
InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-SA OPTOWAY-PDA-1500-SA Datasheet
111Kb / 3P
InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-XA OPTOWAY-PDA-1500-XA Datasheet
68Kb / 2P
InGaAs PIN Photodiode Module for CATV Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com